Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T86D107M010CBAS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T86D107M010CBAS
Description  Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T86D107M010CBAS Datasheet(HTML) 2 Page - Vishay Siliconix

  T86D107M010CBAS Datasheet HTML 1Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 2Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 3Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 4Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 5Page - Vishay Siliconix T86D107M010CBAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40145
2
Revision: 31-Jan-11
T86
Vishay Sprague
Solid Tantalum Surface Mount TANTAMOUNT®,
Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.47
C
0.68
C
1.0
C
1.5
CC
2.2
CC
C/D
3.3
CC
C/D
4.7
CC
C/D
D
6.8
CCC
D
D/E
10
CCC
C/D
D/E
15
C
C
C
C/D
D
D/E
22
C
C
C/D
D
D/E
E
33
C
C/D
C/D
D/E
E
47
C/D
C/D
D/E
E
68
C
C/D
D/E
D
E
100
C
D/E
D
E
150
D
D
D/E
E
220
D
D/E
E
330
D/E
E
470
E
CONSTRUCTION AND MARKING
Marking:
Capacitor marking includes an anode (+) polarity band,
capacitance in microfarads and the voltage rating.
The Vishay Sprague® trademark is included if space
permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capital letter “E” stands for lead (Pb)-free terminations
small cap letter “e” stands for SnPb
Leadframe
Epoxy
Encapsulation
Anode
Polarity Bar
Solderable
Cathode
Termination
Silver
Adhesive
MnO
2/Carbon/
Silver Coating
Solderable Anode
Termination
Sintered Tantalum
Pellet
Fusible
Wire
Date Code
Vishay
Sprague
Logo
Indicates
Fused Product
Voltage
Capacitance
μF
Polarity
Band
22E10
XX
2
C, D, E, Cases


Similar Part No. - T86D107M010CBAS

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T8601 TMT-T8601 Datasheet
189Kb / 2P
   The T8601 is a low cost, simple, high-efficiency off-line LED driver IC.
logo
Integrated Technology F...
T86051B ITF-T86051B Datasheet
159Kb / 2P
   860.0 MHz SAW Filter
logo
List of Unclassifed Man...
T860N ETC-T860N Datasheet
1Mb / 3P
   PHASE CONTROL THYRISTORS
logo
Infineon Technologies A...
T860N INFINEON-T860N Datasheet
298Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-03-17 revision:2.0
logo
Taiwan Memory Technolog...
T8611 TMT-T8611 Datasheet
189Kb / 2P
   The T8611 is a simple, high voltage, linear current regulator.
More results

Similar Description - T86D107M010CBAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
TF3 VISHAY-TF3 Datasheet
631Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?? Molded Case, Built-In-Fuse
Revision: 13-Sep-16
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com