Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3672-USB Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY3672-USB
Description  200-MHz Field Programmable Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor CY3672-USB Datasheet HTML 13Page - Cypress Semiconductor CY3672-USB Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY23FP12-002
Document #: 38-07644 Rev. *B
Page 10 of 14
Switching Waveforms
Figure 3. Duty Cycle Timing
Figure 4. All Outputs Rise/Fall Time
Figure 5. Output-Output Skew
Figure 6. Input-Output Propagation Delay
tTSK
Tracking skew
Input reference clock at < 50-KHz modulation
with ±3.75% spread
200
ps
tLOCK
PLL lock time[5]
Stable power supply, valid clock at REF
1.0
ms
tLD
Inserted loop delay
Max loop delay for PLL Lock (stable
frequency)
––
7
ns
Max loop delay to meet Tracking Skew Spec
4
ns
Switching Characteristics (continued)[5]
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
[+] Feedback


Similar Part No. - CY3672-USB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3672-USB CYPRESS-CY3672-USB Datasheet
256Kb / 8P
   Very Low Jitter Field and Factory Programmable Clock Generator
CY3672-USB CYPRESS-CY3672-USB Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY3672-USB CYPRESS-CY3672-USB Datasheet
234Kb / 6P
   PTG Programming Kit
CY3672-USB CYPRESS-CY3672-USB Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY3672-USB CYPRESS-CY3672-USB Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY3672-USB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com