Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC78011E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LC78011E
Description  Digital RGB Encoder IC for Video CD and CD-G
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC78011E Datasheet(HTML) 3 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
No. 5755-3/13
LC78011E
Pin Functions
Pin No.
Symbol
I/O
Polarity
Function
1
RYIN3
IN
Positive
R/Y data input
A pull-down resistor is built in.
2
RYIN2
IN
Positive
R/Y data input
A pull-down resistor is built in.
3
RYIN1
IN
Positive
R/Y data input
A pull-down resistor is built in.
4
RYIN0
IN
Positive
R/Y data input (LSB)
A pull-down resistor is built in.
5
DVSS
Digital system ground
6
CLKI
IN
4fsc clock input
A feedback resistor is built in.
7
FSCIN
IN
fsc clock input
A feedback resistor is built in.
8
DVDD
Digital system power supply
9
GUIN7
IN
Positive
G/U data input (MSB)
A pull-down resistor is built in.
10
GUIN6
IN
Positive
G/U data input
A pull-down resistor is built in.
11
GUIN5
IN
Positive
G/U data input
A pull-down resistor is built in.
12
GUIN4
IN
Positive
G/U data input
A pull-down resistor is built in.
13
GUIN3
IN
Positive
G/U data input
A pull-down resistor is built in.
14
GUIN2
IN
Positive
G/U data input
A pull-down resistor is built in.
15
GUIN1
IN
Positive
G/U data input
A pull-down resistor is built in.
16
GUIN0
IN
Positive
G/U data input (LSB)
A pull-down resistor is built in.
17
BVIN7
IN
Positive
B/V/UV data input (MSB)
A pull-down resistor is built in.
18
BVIN6
IN
Positive
B/V/UV data input
A pull-down resistor is built in.
19
BVIN5
IN
Positive
B/V/UV data input
A pull-down resistor is built in.
20
BVIN4
IN
Positive
B/V/UV data input
A pull-down resistor is built in.
21
BVIN3
IN
Positive
B/V/UV data input
A pull-down resistor is built in.
22
BVIN2
IN
Positive
B/V/UV data input
A pull-down resistor is built in.
23
BVIN1
IN
Positive
B/V/UV data input
A pull-down resistor is built in.
24
BVIN0
IN
Positive
B/V/UV data input (LSB)
A pull-down resistor is built in.
25
AVDD
Analog system power supply (For the D/A converters.) (+5 V)
26
CROUT
OUT
Chroma signal/composite video signal output (8-bit D/A converter output)
27
BIAS
OUT
Ripple rejection capacitor connection (Use a 10 µF capacitor.)
28
YOUT
OUT
Luminance signal output (8-bit D/A converter output)
29
AVSS
Analog system ground (For the D/A converters.)
30
CCSEL
IN
Positive
D/A converter output control signal input (Low: YC signal output, High: Composite video signal output)
31
NPSEL
IN
Positive
Signal format selection input
32
PMSEL
IN
Positive
33
CDGSEL
IN
Negative
Video CD/CD-G selection input (Low: CD-G, High: Video-CD)
(The input digital data can be selected to be either 4-bit or 8-bit data.)
34
TEST
IN
Positive
Test mode selection input (This pin must be tied low during normal operation.)
35
RESET
IN
Negative Reset signal input
36
OSBIN
IN
Positive
OSD signal (B) input
37
OSGIN
IN
Positive
OSD signal (G) input
38
OSRIN
IN
Positive
OSD signal (R) input
39
OSBLK
IN
Positive
OSD switching signal input (The OSD blanking signal input)
NPSEL
PMSEL
D/A converter output signal mode
0
0
NTSC
1
0
PAL
0
1
PAL-M
1
1
– (Illegal setting)
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn