Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC78011E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LC78011E
Description  Digital RGB Encoder IC for Video CD and CD-G
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78011E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC78011E Datasheet HTML 1Page - Sanyo Semicon Device LC78011E Datasheet HTML 2Page - Sanyo Semicon Device LC78011E Datasheet HTML 3Page - Sanyo Semicon Device LC78011E Datasheet HTML 4Page - Sanyo Semicon Device LC78011E Datasheet HTML 5Page - Sanyo Semicon Device LC78011E Datasheet HTML 6Page - Sanyo Semicon Device LC78011E Datasheet HTML 7Page - Sanyo Semicon Device LC78011E Datasheet HTML 8Page - Sanyo Semicon Device LC78011E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Overview
The LC78011E is a CMOS IC that integrates a digital
RGB encoder and a synchronizing signal generation
circuit on a single chip. A video CD or CD-G system can
be formed using the LC78011E together with an MPEG
video decoder or a CD-G decoder, respectively.
Features
• System structure
— Each system (Video CD or CD-G system) formed
with an additional chip: MPEG decoder or CD-G
decoder chip.
• Video outputs
— 8-bit D/A converter outputs: 2 channels
— The LC78011E supports the following two video
signal output formats:
Luminance signal (Y) and chroma signal (C) outputs
Composite video signal (C • VIDEO) output (Only
one D/A converter channel operates in this mode.)
• System clock
— External 4fsc clock
NTSC mode: 14.31818 MHz
PAL mode:
17.734475 MHz
PAL-M mode: 14.30244596 MHz
• External subcarrier input
— An external fsc clock is input and used for subcarrier
synchronization timing.
• Video data input
— The LC78011E supports the following four input
formats:
R, G, and B: 8 bits each
Y, U, and V: 8 bits each
Y and UV:
8 bits each (The UV input is a
multiplexed input)
R, G, and B: 4 bits each (In CD-G input support
mode)
• OSD input support
— R, G, and B + BLK 4-bit inputs (color support)
(BLK is an OSD display switching timing signal.)
• External synchronizing signal input
— Horizontal synchronizing signal, composite
synchronizing signal, and composite blanking signal
inputs: HSYNC, CSYNC, and BLANK.
• Video signal formats
— The LC78011E supports the NTSC, PAL, and PAL-
M formats.
Package Dimensions
unit: mm
3156-QIP48E
CMOS IC
33198RM (OT) No. 5755-1/13
SANYO: QIP48E
[LC78011E]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Digital RGB Encoder IC for Video CD and CD-G
LC78011E
Ordering number : EN5755


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn