Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FP12-002 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY23FP12-002
Description  200-MHz Field Programmable Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12-002 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY23FP12-002_11 Datasheet HTML 2Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 3Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 4Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 5Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 6Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 7Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 8Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 9Page - Cypress Semiconductor CY23FP12-002_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CY23FP12-002
Document #: 38-07644 Rev. *B
Page 6 of 14
Table 3 is a list of output dividers that are independently selected to connect to each output pair.
In the default (pre-programmed) state of the device, S1 and S2 pins will function as indicated in Table 4. The CY23FP12-002 can be
programmed to other configurations.
Table 3. Output Dividers
CLKA/B Source
Output Connects To
0 [000]
REF
1 [001]
Divide by 1
2 [010]
Divide by 2
3 [011]
Divide by 3
4 [100]
Divide by 4
5 [101]
Divide by X
6 [110]
Divide by 2X[1]
7 [111]
TEST mode [LOCK signal][2]
Table 4. Pre-Programmed Configuration
Outputs
S2, S1 DivSrc
Example Output
REF Input (MHz) VCO (MHz)
Output (MHz)
ClkA0, A1
00
1
25
200
200
ClkA2, A3
00
3
25
200
66.7
ClkA4, A5
00
X=6
25
200
33.3
ClkB0, B1
00
X=6
25
200
33.3
ClkB2, B3
00
4
25
200
50
ClkB4, B5
00
Ref
25
200
25
ClkA0, A1
01
4
100
200
50
ClkA2, A3
01
4
100
200
50
ClkA4, A5
01
4
100
200
50
ClkB0, B1
01
4
100
200
50
ClkB2, B3
01
X=8
100
200
25
ClkB4, B5
01
X=8
100
200
25
ClkA0, A1
10
X=8
33.3
266.6
33.3
ClkA2, A3
10
X=8
33.3
266.6
33.3
ClkA4, A5
10
X=8
33.3
266.6
33.3
ClkB0, B1
10
4
33.3
266.6
66.6
ClkB2, B3
10
4
33.3
266.6
66.6
ClkB4, B5
10
4
33.3
266.6
66.6
ClkA0, A1
11
Ref
100
powerdown
100
ClkA2, A3
11
Ref
100
powerdown
100
ClkA4, A5
11
Ref
100
powerdown
100
ClkB0, B1
11
2
100
powerdown
50
ClkB2, B3
11
2
100
powerdown
50
ClkB4, B5
11
2
100
powerdown
50
Notes
1. Outputs will be rising edge aligned only to those outputs using this same device setting.
2. When the source of an output pair is set to [111], the output pair becomes lock indicator signal. For example, if the source of an output pair (CLKA0, CLKA1) is set
to [111], the CLKA0 and CLKA1, becomes lock indicator signals. In non-invert mode, CLKA0 and CLKA1 signals will be high when the PLL is in lock mode. If
CLKA0 is in an invert mode, the CLKA0 will be low and the CLKA1 will be high when the PLL is in lock mode.
[+] Feedback


Similar Part No. - CY23FP12-002_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12-002_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_11 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com