Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FP12 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY23FP12
Description  200 MHz Field Programmable Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY23FP12 Datasheet HTML 1Page - Cypress Semiconductor CY23FP12 Datasheet HTML 2Page - Cypress Semiconductor CY23FP12 Datasheet HTML 3Page - Cypress Semiconductor CY23FP12 Datasheet HTML 4Page - Cypress Semiconductor CY23FP12 Datasheet HTML 5Page - Cypress Semiconductor CY23FP12 Datasheet HTML 6Page - Cypress Semiconductor CY23FP12 Datasheet HTML 7Page - Cypress Semiconductor CY23FP12 Datasheet HTML 8Page - Cypress Semiconductor CY23FP12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY23FP12
Document #: 38-07246 Rev. *G
Page 4 of 15
Figure 2. Basic PLL Block Diagram
The following table lists independent functions that can be programmed with a volume or prototype programmer on the “default” silicon.
Table 1. Programmable Functions
Configuration
Description
Default
DC Drive Bank A
Programs the drive strength of Bank A outputs. The user can select one out of two possible
drive strength settings that produce output DC currents in the range of ±16 mA to ±20 mA.
+16 mA
DC Drive Bank B
Programs the drive strength of Bank B outputs. The user can select one out of two possible
drive strength settings that produce output DC currents in the range of ±16 mA to ±20 mA.
+16 mA
Output Enable for Bank B
clocks
Enables/Disables CLKB[5:0] outputs. Each of the six outputs can be disabled individually
if not used, to minimize electromagnetic interference (EMI) and switching noise.
Enable
Output Enable for Bank A
clocks
Enables/Disables CLKA[5:0] outputs. Each of the six outputs can be disabled individually
if not used, to minimize EMI and switching noise.
Enable
Inv CLKA0
Generates an inverted clock on the CLKA0 output. When this option is programmed,
CLKA0 and CLKA1 will become complimentary pairs.
Non-invert
Inv CLKA2
Generates an inverted clock on the CLKA2 output. When this option is programmed,
CLKA2 and CLKA3 will become complimentary pairs.
Non-invert
Inv CLKA4
Generates an inverted clock on the CLKA4 output. When this option is programmed,
CLKA4 and CLKA5 will become complimentary pairs.
Non-invert
Inv CLKB0
Generates an inverted clock on the CLKB0 output. When this option is programmed,
CLKB0 and CLKB1 will become complimentary pairs.
Non-invert
Inv CLKB2
Generates an inverted clock on the CLKB2 output. When this option is programmed,
CLKB2 and CLKB3 will become complimentary pairs.
Non-invert
Inv CLKB4
Generates an inverted clock on the CLKB4 output. When this option is programmed,
CLKB4 and CLKB5 will become complimentary pairs.
Non-invert
/1,/2,/3,/4,
/x,/2x
/1,/2,/3,/4,
/x,/2x
/1,/2,/3,/4,
/x,/2x
/1,/2,/3,/4,
/x,/2x
/1,/2,/3,/4,
/x,/2x
/1,/2,/3,/4,
/x,/2x
PLL
/M
/N
Output
Function
Select
Matrix
REF
FBK
CLKB5
CLKB4
CLKB3
CLKB2
CLKB1
CLKB0
CLKA5
CLKA4
CLKA3
CLKA2
CLKA1
CLKA0
[+] Feedback


Similar Part No. - CY23FP12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12OC CYPRESS-CY23FP12OC Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com