Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23FP12 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY23FP12
Description  200 MHz Field Programmable Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FP12 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY23FP12_11 Datasheet HTML 1Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 2Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 3Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 4Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 5Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 6Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 7Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 8Page - Cypress Semiconductor CY23FP12_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY23FP12
Document #: 38-07246 Rev. *G
Page 2 of 15
Contents
Pin Configuration ............................................................. 3
Pin Description ................................................................. 3
Field Programming the CY23FP12 ............................. 6
CyberClocks
™ Software .............................................. 6
CY3672-USB Development Kit ................................... 6
CY23FP12 Frequency Calculation .................................. 6
Absolute Maximum Conditions ....................................... 7
Operating Conditions ....................................................... 7
DC Electrical Specifications ............................................ 7
Switching Characteristics ................................................ 8
Switching Waveforms ...................................................... 9
Test Circuits .................................................................... 10
Ordering Information ...................................................... 11
Ordering Code Definition ........................................... 11
Package Drawing and Dimension ................................. 12
Acronyms ....................................................................... 13
Document Conventions ................................................. 13
Units of Measure ....................................................... 13
Document History Page ................................................. 14
Sales, Solutions, and Legal Information ...................... 15
Worldwide Sales and Design Support ....................... 15
Products .................................................................... 15
PSoC Solutions ......................................................... 15
[+] Feedback


Similar Part No. - CY23FP12_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY23FP12_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23FP12-002 CYPRESS-CY23FP12-002 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12-002 CYPRESS-CY23FP12-002_11 Datasheet
525Kb / 14P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY23FP12 CYPRESS-CY23FP12_12 Datasheet
408Kb / 15P
   200 MHz Field Programmable Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V995 CYPRESS-CY2V995 Datasheet
281Kb / 10P
   S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com