Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512P-SFXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B512P-SFXI
Description  512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512P-SFXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B512P-SFXI Datasheet HTML 1Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 2Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CY14B512P
Document #: 001-53872 Rev. *E
Page 4 of 36
Device Operation
CY14B512P is a 512-Kbit nvSRAM memory with integrated RTC
and SPI interface. All the reads and writes to nvSRAM happen
to the SRAM, which gives nvSRAM the unique capability to
handle infinite writes to the memory. The data in SRAM is
secured by a STORE sequence that transfers the data in parallel
to the nonvolatile QuantumTrap cells. A small capacitor (VCAP)
is used to AutoStore the SRAM data in nonvolatile cells when
power goes down, providing power-down data security. The
QuantumTrap nonvolatile elements built in the reliable SONOS
technology make nvSRAM the ideal choice for secure data
storage.
In CY14B512P, the 512-Kbit memory array is organized as
64 K words × 8 bits. The memory is accessed through a standard
SPI interface that enables very high clock speeds up to 40 MHz
with zero cycle delay read and write cycles. CY14B512P
supports SPI modes 0 and 3 (CPOL, CPHA = 0, 0 and 1, 1) and
operates as a SPI slave. The device is enabled using the chip
select (CS) pin and accessed through serial input (SI), serial
output (SO), and serial clock (SCK) pins.
CY14B512P provides the feature for hardware and software
write protection through the WP pin and WRDI instruction.
CY14B512P also provides mechanisms for block write
protection (quarter, half, or full array) using BP0 and BP1 pins in
the Status Register. Further, the HOLD pin is used to suspend
any serial communication without resetting the serial sequence.
CY14B512P uses the standard SPI opcodes for memory access.
In addition to the general SPI instructions for read and write,
CY14B512P provides four special instructions that allow access
to four nvSRAM specific functions: STORE, RECALL, AutoStore
Disable (ASDISB), and AutoStore Enable (ASENB).
The major benefit of nvSRAM over serial EEPROMs is that all
reads and writes to nvSRAM are performed at the speed of SPI
bus with zero cycle delay. Therefore, no wait time is required
after any of the memory accesses. The STORE and RECALL
operations need finite time to complete and all memory accesses
are inhibited during this time. While a STORE or RECALL
operation is in progress, the busy status of the device is indicated
by the Hardware STORE Busy (HSB) pin and also reflected on
the RDY bit of the Status Register.
SRAM Write
All writes to nvSRAM are carried out on the SRAM and do not
use up any endurance cycles of the nonvolatile memory. This
enables the user to perform infinite write operations. A write cycle
is performed through the WRITE instruction. The WRITE
instruction is issued through the SI pin of the nvSRAM and
consists of the WRITE opcode, two bytes of address, and one
byte of data. Write to nvSRAM is done at SPI bus speed with zero
cycle delay.
CY14B512P allows burst mode writes to be performed through
SPI. This enables write operations on consecutive addresses
without issuing a new WRITE instruction. When the last address
in memory is reached in burst mode, the address rolls over to
0x0000 and the device continues to write.
The SPI write cycle sequence is defined in the memory access
section of SPI protocol description.
SRAM Read
A read cycle in CY14B512P is performed at the SPI bus speed
and the data is read out with zero cycle delay after the READ
instruction is executed. The READ instruction is issued through
the serial input (SI) pin of the nvSRAM and consists of the READ
opcode and two bytes of address. The data is read out on the
serial output (SO) pin.
CY14B512P allows burst mode reads to be performed through
SPI. This enables reads on consecutive addresses without
issuing a new READ instruction. When the last address in
memory is reached in burst mode read, the address rolls over to
0x0000 and the device continues to read.
The SPI read cycle sequence is defined in the memory access
section of SPI protocol description.
STORE Operation
STORE operation transfers the data from the SRAM to the
nonvolatile QuantumTrap cells. The CY14B512P STOREs data
to the nonvolatile cells using one of the three STORE operations:
AutoStore, activated on device power-down; Software STORE,
activated by a STORE instruction; and Hardware STORE,
activated by the HSB. During the STORE cycle, an erase of the
previous nonvolatile data is first performed, followed by a
program of the nonvolatile elements. After a STORE cycle is
initiated, read/write to CY14B512P is inhibited until the cycle is
completed.
The HSB signal or the RDY bit in the Status Register can be
monitored by the system to detect if a STORE or Software
RECALL cycle is in progress. The busy status of nvSRAM is
indicated by HSB being pulled LOW or the RDY bit being set to
‘1’. To avoid unnecessary nonvolatile STOREs, AutoStore and
Hardware STORE operations are ignored unless at least one
write operation takes place since the most recent STORE or
RECALL cycle. However, software initiated STORE cycles are
performed regardless of whether a write operation has taken
place.
AutoStore Operation
The AutoStore operation is a unique feature of nvSRAM which
automatically stores the SRAM data to QuantumTrap cells
during power-down. This STORE makes use of an external
capacitor (VCAP) and enables the device to safely STORE the
data in the nonvolatile memory when power goes down.
During normal operation, the device draws current from VCC to
charge the capacitor connected to the VCAP pin. When the
voltage on the VCC pin drops below VSWITCH during power-down,
the device inhibits all memory accesses to nvSRAM and
automatically performs a conditional STORE operation using the
charge from the VCAP capacitor. The AutoStore operation is not
initiated if no write cycle was performed since the last RECALL.
Note If a capacitor is not connected to VCAP pin, AutoStore must
be disabled by issuing the AutoStore Disable instruction
specified in AutoStore Disable (ASDISB) instruction on page 14.
If AutoStore is enabled without a capacitor on VCAP pin, the
device attempts an AutoStore operation without sufficient charge
to complete the Store. This corrupts the data stored in nvSRAM
and Status Register. To resume normal functionality, the WRSR
instruction must be issued to update the nonvolatile bits BP0,
BP1 and WPEN in the Status Register.
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY14B512P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512P-SFXI CYPRESS-CY14B512P-SFXI Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXI CYPRESS-CY14B512P-SFXI Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXIT CYPRESS-CY14B512P-SFXIT Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXIT CYPRESS-CY14B512P-SFXIT Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B512P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_12 Datasheet
1Mb / 40P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_12 Datasheet
1Mb / 43P
   64-Kbit (8 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com