Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256P-SFXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B256P-SFXIT
Description  256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256P-SFXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B256P-SFXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256P-SFXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CY14B256P
Document Number: 001-53881 Rev. *E
Page 7 of 36
SPI Modes
CY14B256P device may be driven by a microcontroller with its
SPI peripheral running in either of these two modes:
SPI Mode 0 (CPOL=0, CPHA=0)
SPI Mode 3 (CPOL=1, CPHA=1)
For both these modes, the input data is latched in on the rising
edge of SCK starting from the first rising edge after CS goes
active. If the clock starts from a HIGH state (in mode 3), the first
rising edge after the clock toggles is considered. The output data
is available on the falling edge of SCK.
The two SPI modes are shown in Figure 4 and Figure 5. The
status of clock when the bus master is in standby mode and not
transferring data is:
SCK remains at 0 for Mode 0
SCK remains at 1 for Mode 3
CPOL and CPHA bits must be set in the SPI controller for the
either Mode 0 or Mode 3. CY14B256P detects the SPI mode
from the status of SCK pin when the device is selected by
bringing the CS pin LOW. If SCK pin is LOW when the device is
selected, SPI Mode 0 is assumed and if SCK pin is HIGH,
CY14B256P works in SPI Mode 3.
Figure 3. System Configuration using SPI nvSRAM
P
6
5
2
B
4
1
Y
C
P
6
5
2
B
4
1
Y
C
uC o ntrolle r
SC K
MO S I
MIS O
SI
SO
O
S
I
S
K
C
SS C K
CS
HO L D
HO L D
CS
CS 1
CS 2
HO L D 1
HO L D 2
Figure 4. SPI Mode 0
LSB
MSB
7
654
32
10
CS
SCK
SI
0
1
2
3
4
5
6
7
Figure 5. SPI Mode 3
CS
SCK
SI
7
654
32
10
LSB
MSB
0
12
3
4
56
7
[+] Feedback


Similar Part No. - CY14B256P-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P-SFXIT CYPRESS-CY14B256P-SFXIT Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256P-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com