Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256LA-SP25XIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B256LA-SP25XIT
Description  256-Kbit (32 K 횞 8) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256LA-SP25XIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B256LA-SP25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256LA-SP25XIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CY14B256LA
Document Number: 001-54707 Rev. *F
Page 7 of 22
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the Software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
or OE controlled read operations must be performed:
1. Read address 0x0E38 valid READ
2. Read address 0x31C7 valid READ
3. Read address 0x03E0 valid READ
4. Read address 0x3C1F valid READ
5. Read address 0x303F valid READ
6. Read address 0x0B45 AutoStore disable
The AutoStore is reenabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the Software RECALL initiation. To initiate the
AutoStore enable sequence, the following sequence of CE or OE
controlled read operations must be performed:
1. Read address 0x0E38 valid READ
2. Read address 0x31C7 valid READ
3. Read address 0x03E0 valid READ
4. Read address 0x3C1F valid READ
5. Read address 0x303F valid READ
6. Read address 0x0B46 AutoStore enable
If the AutoStore function is disabled or reenabled, a manual
STORE operation (Hardware or Software) must be issued to
save the AutoStore state through subsequent power-down
cycles. The part comes from the factory with AutoStore enabled.
Data Protection
The CY14B256LA protects data from corruption during low
voltage conditions by inhibiting all externally initiated STORE
and write operations. The low voltage condition is detected when
VCC is less than VSWITCH. If the CY14B256LA is in a write mode
(both CE and WE are LOW) at power-up, after a RECALL or
STORE, the write is inhibited until the SRAM is enabled after
tLZHSB (HSB to output active). This protects against inadvertent
writes during power-up or brown out conditions.
Noise Considerations
Refer to CY application note AN1064.
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Enable
Output data
Output data
Output data
Output data
Output data
Output data
Active[7]
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output data
Output data
Output data
Output data
Output data
Output high-Z
Active ICC2[7]
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output data
Output data
Output data
Output data
Output data
Output high-Z
Active[7]
Table 2. Mode Selection (continued)
CE
WE
OE
A14 - A0[6]
Mode
I/O
Power
[+] Feedback


Similar Part No. - CY14B256LA-SP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA-SP25XIT CYPRESS-CY14B256LA-SP25XIT Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14B256LA-SP25XIT CYPRESS-CY14B256LA-SP25XIT Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results

Similar Description - CY14B256LA-SP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com