Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-ZS45XI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B104NA-ZS45XI
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-ZS45XI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B104NA-ZS45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 11Page - Cypress Semiconductor CY14B104NA-ZS45XI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *H
Page 8 of 24
Best Practices
nvSRAM products have been used effectively for over 27 years.
While ease-of-use is one of the product’s main system values,
experience gained working with hundreds of applications has
resulted in the following suggestions as best practices:
The nonvolatile cells in this nvSRAM product are delivered from
Cypress with 0x00 written in all cells. Incoming inspection
routines at customer or contract manufacturer’s sites
sometimes reprogram these values. Final NV patterns are
typically repeating patterns of AA, 55, 00, FF, A5, or 5A. End
product’s firmware should not assume an NV array is in a set
programmed state. Routines that check memory content
values to determine first time system configuration, cold or
warm boot status, and so on should always program a unique
NV pattern (that is, complex 4-byte pattern of 46 E6 49 53 hex
or more random bytes) as part of the final system manufac-
turing test to ensure these system routines work consistently.
power-up boot firmware routines should rewrite the nvSRAM
into the desired state (for example, AutoStore enabled). While
the nvSRAM is shipped in a preset state, best practice is to
again rewrite the nvSRAM into the desired state as a safeguard
against events that might flip the bit inadvertently such as
program bugs and incoming inspection routines.
The VCAP value specified in this datasheet includes a minimum
and a maximum value size. Best practice is to meet this
requirement and not exceed the maximum VCAPvalue because
the nvSRAM internal algorithm calculates VCAP charge and
discharge time based on this maximum VCAP value. Customers
that want to use a larger VCAP value to make sure there is extra
store charge and store time should discuss their VCAP size
selection with Cypress to understand any impact on the VCAP
voltage level at the end of a tRECALL period.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104NA-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-ZS45XI CYPRESS-CY14B104NA-ZS45XI Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104NA-ZS45XI CYPRESS-CY14B104NA-ZS45XI Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104NA-ZS45XI CYPRESS-CY14B104NA-ZS45XI Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104NA-ZS45XI CYPRESS-CY14B104NA-ZS45XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104NA-ZS45XIT CYPRESS-CY14B104NA-ZS45XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104NA-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14V116N CYPRESS-CY14V116N Datasheet
1Mb / 25P
   16-Mbit (1024 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com