Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27543-24AXIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C27543-24AXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27543-24AXIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C27543-24AXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *T
Page 4 of 63
The digital blocks can be connected to any GPIO through a
series of global buses that can route any signal to any pin. The
buses also enable signal multiplexing and for performing logic
operations. This configurability frees your designs from the
constraints of a fixed peripheral controller.
Digital blocks are provided in rows of four, where the number of
blocks varies by PSoC device family. This lets you the optimum
choice of system resources for your application. Family
resources are shown in the table titled PSoC Device
Characteristics on page 5.
Analog System
The analog system is composed of 12 configurable blocks, each
comprised of an opamp circuit allowing the creation of complex
analog signal flows. Analog peripherals are very flexible and can
be customized to support specific application requirements.
Some of the more common PSoC analog functions (most
available as user modules) are as follows:
ADCs (up to 4, with 6- to 14-bit resolution, selectable as
incremental, delta sigma, and SAR)
Filters (2, 4, 6, and 8 pole band pass, low pass, and notch)
Amplifiers (up to four, with selectable gain to 48x)
Instrumentation amplifiers (up to two, with selectable gain to
93x)
Comparators (up to four, with 16 selectable thresholds)
DACs (up to four, with 6- to 9-bit resolution)
Multiplying DACs (up to four, with 6- to 9-bit resolution)
High current output drivers (four with 30 mA drive as a core
resource)
1.3-V reference (as a system resource)
DTMF dialer
Modulators
Correlators
Peak detectors
Many other topologies possible
Analog blocks are provided in columns of three, which includes
one continuous time (CT) and two switched capacitor (SC)
blocks, as shown in the following figure.
Figure 2. Analog System Block Diagram
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACB02
ACB03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference
[+] Feedback


Similar Part No. - CY8C27543-24AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543-24AXIT CYPRESS-CY8C27543-24AXIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543-24AXIT CYPRESS-CY8C27543-24AXIT Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27543-24AXIT CYPRESS-CY8C27543-24AXIT Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27543-24AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com