Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104M Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B104M
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104M Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B104M Datasheet HTML 7Page - Cypress Semiconductor CY14B104M Datasheet HTML 8Page - Cypress Semiconductor CY14B104M Datasheet HTML 9Page - Cypress Semiconductor CY14B104M Datasheet HTML 10Page - Cypress Semiconductor CY14B104M Datasheet HTML 11Page - Cypress Semiconductor CY14B104M Datasheet HTML 12Page - Cypress Semiconductor CY14B104M Datasheet HTML 13Page - Cypress Semiconductor CY14B104M Datasheet HTML 14Page - Cypress Semiconductor CY14B104M Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY14B104K, CY14B104M
Document #: 001-07103 Rev. *S
Page 11 of 33
Table 4. RTC Register Map[9]
Register
BCD Format Data[10]
Function/Range
CY14B104K CY14B104M
D7
D6
D5
D4
D3
D2
D1
D0
0x7FFFF
0x3FFFF
10s years
Years
Years: 00–99
0x7FFFE
0x3FFFE
0
0
0
10s
months
Months
Months: 01–12
0x7FFFD
0x3FFFD
0
0
10s day of month
Day of month
Day of month: 01–31
0x7FFFC
0x3FFFC
0
0
0
0
0
Day of week
Day of week: 01–07
0x7FFFB
0x3FFFB
0
0
10s hours
Hours
Hours: 00–23
0x7FFFA
0x3FFFA
0
10s minutes
Minutes
Minutes: 00–59
0x7FFF9
0x3FFF9
0
10s seconds
Seconds
Seconds: 00–59
0x7FFF8
0x3FFF8
OSCEN
(0)
0Cal
sign
(0)
Calibration (00000)
Calibration values [11]
0x7FFF7
0x3FFF7
WDS
(0)
WDW (0)
WDT (000000)
Watchdog [11]
0x7FFF6
0x3FFF6
WIE (0)
AIE (0)
PFE
(0)
0H/L
(1)
P/L (0)
0
0
Interrupts [11]
0x7FFF5
0x3FFF5
M (1)
0
10s alarm date
Alarm day
Alarm, day of month:
01–31
0x7FFF4
0x3FFF4
M (1)
0
10s alarm hours
Alarm hours
Alarm, hours: 00–23
0x7FFF3
0x3FFF3
M (1)
10 alarm minutes
Alarm minutes
Alarm, minutes:
00–59
0x7FFF2
0x3FFF2
M (1)
10 alarm seconds
Alarm, seconds
Alarm, seconds:
00–59
0x7FFF1
0x3FFF1
10s Centuries
Centuries
Centuries: 00–99
0x7FFF0
0x3FFF0
WDF
AF
PF
OSCF[12]
0
CAL (0)
W (0)
R (0)
Flags[11]
Notes
9. Upper byte D15-D8 (CY14B104M) of RTC registers are reserved for future use.
10. ( ) designates values shipped from the factory.
11. This is a binary value, not a BCD value.
12. When user resets OSCF flag bit, the flags register will be updated after tRTCp time.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M CYPRESS-CY14B104M Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104M-ZSP20XC CYPRESS-CY14B104M-ZSP20XC Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP20XCT CYPRESS-CY14B104M-ZSP20XCT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP20XI CYPRESS-CY14B104M-ZSP20XI Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com