Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104M Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B104M
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104M Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B104M Datasheet HTML 6Page - Cypress Semiconductor CY14B104M Datasheet HTML 7Page - Cypress Semiconductor CY14B104M Datasheet HTML 8Page - Cypress Semiconductor CY14B104M Datasheet HTML 9Page - Cypress Semiconductor CY14B104M Datasheet HTML 10Page - Cypress Semiconductor CY14B104M Datasheet HTML 11Page - Cypress Semiconductor CY14B104M Datasheet HTML 12Page - Cypress Semiconductor CY14B104M Datasheet HTML 13Page - Cypress Semiconductor CY14B104M Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY14B104K, CY14B104M
Document #: 001-07103 Rev. *S
Page 10 of 33
Flags Register
The flags register has three flag bits: WDF, AF, and PF, which can be used to generate an interrupt. These flags are set by the watchdog
timeout, alarm match, or power fail monitor respectively. The processor can either poll this register or enable interrupts when a flag
is set. These flags are automatically reset when the register is read. The flags register is automatically loaded with the value 0x00 on
power-up (except for the OSCF bit. See Stopping and Starting the Oscillator on page 8).
Figure 4. RTC Recommended Component Configuration
Figure 5. Interrupt Block Diagram
Recommended Values
Y1 = 32.768 kHz (12.5 pF)
C1 = 12 pF
C2 = 69 pF
Note The recommended values for C1 and C2 include
board trace capacitance.
Xout
Xin
Y1
C2
C1
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt
PF - Power Fail Flag
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - High/Low
Enable
Watchdog
Timer
Power
Monitor
Clock
Alarm
VINT
WDF
WIE
PF
PFE
AF
AIE
P/L
Pin
Driver
H/L
INT
VCC
VSS
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M CYPRESS-CY14B104M Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104M-ZSP20XC CYPRESS-CY14B104M-ZSP20XC Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP20XCT CYPRESS-CY14B104M-ZSP20XCT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP20XI CYPRESS-CY14B104M-ZSP20XI Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com