Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMOZ2V4C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMOZ2V4C
Description  SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 2% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ2V4C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMOZ2V4C Datasheet HTML 1Page - Central Semiconductor Corp CMOZ2V4C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMOZ2V4C THRU CMOZ43VC
SURFACE MOUNT
SILICON ZENER DIODE
2.4 VOLTS THRU 43 VOLTS
2% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ2V4C
Series Zener Diode is a high quality voltage regulator
in an epoxy-molded ULTRAmini™ package, designed
for applications requiring low leakage.
MARKING CODE: CONSULT FACTORY
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
VVV
μA
Ω
μA
V
CMOZ2V4C
2.35
2.4
2.45
5.0
100
25
1.0
CMOZ2V6C
2.55
2.6
2.65
5.0
100
25
1.0
CMOZ2V7C
2.65
2.7
2.75
5.0
100
10
1.0
CMOZ3V0C
2.94
3.0
3.06
5.0
95
5.0
1.0
CMOZ3V3C
3.23
3.3
3.37
5.0
95
2.0
1.0
CMOZ3V6C
3.53
3.6
3.67
5.0
90
2.0
1.0
CMOZ3V9C
3.82
3.9
3.98
5.0
90
2.0
1.0
CMOZ4V3C
4.21
4.3
4.39
5.0
90
1.0
1.0
CMOZ4V7C
4.61
4.7
4.79
5.0
80
3.0
2.0
CMOZ5V1C
5.00
5.1
5.20
5.0
60
2.0
2.0
CMOZ5V6C
5.49
5.6
5.71
5.0
40
1.0
2.0
CMOZ6V2C
6.08
6.2
6.32
5.0
10
3.0
4.0
CMOZ6V8C
6.66
6.8
6.94
5.0
15
2.0
4.0
CMOZ7V5C
7.35
7.5
7.65
5.0
15
1.0
5.0
CMOZ8V2C
8.04
8.2
8.36
5.0
15
0.7
5.0
CMOZ9V1C
8.92
9.1
9.28
5.0
15
0.5
6.0
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation (Note 1) (TA=50°C)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (PD=300mW)
ΘJA
417
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
SOD-523 CASE
R1 (25-January 2010)
www.centr a lsemi.com


Similar Part No. - CMOZ2V4C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V4C CENTRAL-CMOZ2V4C Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMOZ2V4C CENTRAL-CMOZ2V4C_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMOZ2V4C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
   ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com