Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKI-T36W-W40 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # OKI-T36W-W40
Description  Selectable Output 36-Watt DOSA-SMT DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

OKI-T36W-W40 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  OKI-T36W-W40 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. OKI-T36W-W40 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Performance and Functional Specifications
See Note 1
Input
Input Voltage Range
See Ordering Guide.
Isolation
Not isolated
Start-Up Voltage
18.4 V
Undervoltage Shutdown (see Note 15)
17 V min., 18.7V max.
Overvoltage Shutdown
None
Reflected (Back) Ripple Current (Note 2)
20 mA pk-pk
Internal Input Filter Type
Capacitive
Recommended External Fuse
5A fast blow
Reverse Polarity Protection
None. Please install external fuse.
Input Current:
Full Load Conditions
See Ordering Guide
Inrush Transient
0.4 A2Sec.
Shutdown Mode (Off, UV, OT)
5 mA
Output in Short Circuit
60 mA
Low Line (Vin=Vmin)
2.0A. (Vout = 15V)
Remote On/Off Control (Note 5)
Negative Logic (“N” model suffix)
ON = -0.3V to +1.2V
OFF = (Vin -2.5V) to 40V or open
Current
1 mA max.
Positive Logic (“P” model suffix)
ON = Open pin (internally pulled up) or
= (Vin -2.5V) to 40V or open
OFF = -0.3V to +1.2V
Current
1 mA max.
Output
Output Power
36W max.
Minimum Loading
No minimum load
Accuracy (50% load, untrimmed)
±2 % of Vset
Voltage Output Range (Note 13)
See Ordering Guide
Overvoltage Protection (Note 16)
None
Temperature Coefficient
±0.02% per °C of Vout range
Ripple/Noise (20 MHz bandwidth)
See Ordering Guide and note 8
Line/Load Regulation
See Ordering Guide and note 10
Efficiency
See Ordering Guide
Maximum Capacitive Loading (Note 14)
Cap-ESR=0.001 to 0.01 Ohms
1,000 μF
Cap-ESR >0.01 Ohms
3,000 μF (min. cap. load 0 μF)
Current Limit Inception (Note 6)
(98% of Vout setting, after warm up)
4.5 Amps
Short Circuit Mode
Short Circuit Current Output
0.0 A
Protection Method
Hiccup autorecovery upon overload
removal. (Note 17)
Short Circuit Duration
Continuous, no damage
(output shorted to ground)
Prebias Startup
Converter will start up if the external
output voltage is less than Vnominal.
Dynamic Characteristics
Dynamic Load Response
TBDμSec max. to within ±2% of final value
(50-100 load step, di/dt=1A/μSec, 5 Vout, Cout = 1&10
μF ceramic)
Start-Up Time
8 mSec for Vout=nominal (Vin On)
(Vin on or On/Off to Vout regulated)
8 mSec for Vout=nominal (Remote On/Off)
Switching Frequency
300 KHz
Environmental
Calculated MTBF
Telecordia method (4a)
TBD
Calculated MTBF
MIL-HDBK-217N2 method (4b)
TBD
Operating Temperature Range (Ambient)
See derating curves
-40 to +85 ˚C. with derating (Note 9)
Operating PC Board Temperature
-40 to +100 ˚Celsius max., no derating (12)
Storage Temperature Range
-55 to +125 deg. C.
Thermal Protection/Shutdown
+130 ˚Celsius
Relative Humidity
to 85%/+85 ˚C., non-condensing
Physical
Outline Dimensions
See Mechanical Specifications
Weight
0.072 ounces (2.04 grams)
Safety
Designed to meet UL/cUL 60950-1, CSA-
C22.2 No. 60950-1, IEC/EN 60950-1
Restriction of Hazardous Substances
RoHS-6 (does not claim EU RoHS exemption
7b–lead in solder
)
MSL Rating
2
Absolute Maximum Ratings
Input Voltage (Continuous or transient)
0 V.to +40 Volts max.
On/Off Control
0 V. min. to +Vin max.
Input Reverse Polarity Protection
None. Install external fuse.
Output Current (Note 7)
Current-limited. Devices can withstand a
sustained short circuit without damage.
The outputs are not intended to accept
appreciable reverse current.
Storage Temperature
-55 to +125 ˚C.
Lead Temperature
See soldering specifications
Absolute maximums are stress ratings. Exposure of devices to greater than any of
any of these conditions may adversely affect long-term reliability. Proper operation
under conditions other than those listed in the Performance/Functional Specifications
Table is not implied nor recommended.
Specification Notes:
(1)
Specifications are typical at +25 °C, Vin=nominal (+24V.), Vout=nominal (+12V), full load, external caps and
natural convection unless otherwise indicated. Extended tests at full power must supply substantial forced
airflow.
All models are tested and specified with external 1 μF paralleled with 10μF ceramic/tantalum output
capacitors and a 22 μF external input capacitor. All capacitors are low ESR types. These capacitors are
necessary to accommodate our test equipment and may not be required to achieve specified performance
in your applications. However, Murata Power Solutions recommends installation of these capacitors. All
models are stable and regulate within spec under no-load conditions.
(2)
Input Back Ripple Current is tested and specified over a 5 Hz to 20 MHz bandwidth. Input filtering is Cin=2 x
100 μF tantalum, Cbus=1000 μF electrolytic, Lbus=1 μH.
(3)
Note that Maximum Power Derating curves indicate an average current at nominal input voltage. At higher
temperatures and/or lower airflow, the DC/DC converter will tolerate brief full current outputs if the total
RMS current over time does not exceed the Derating curve.
(4a) Mean Time Before Failure is calculated using the Telcordia (Belcore) SR-332 Method 1, Case 3, ground fixed
conditions, Tpcboard=+25 ˚C, full output load, natural air convection.
(4b) Mean Time Before Failure is calculated using the MIL-HDBK-217N2 method, ground benign, +25ºC., full
output load, natural convection.
OKI-T/36W-W40 Series
Selectable Output 36-Watt DOSA-SMT DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
09 Feb 2011
MDC_OKI-T/36W-W40.A01 Page 4 of 12


Similar Part No. - OKI-T36W-W40

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKI-T3-W40 MURATA-PS-OKI-T3-W40 Datasheet
518Kb / 12P
   Adjustable Output 3-Amp DOSA-SMT DC/DC Converters
More results

Similar Description - OKI-T36W-W40

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKI-T3-W40 MURATA-PS-OKI-T3-W40 Datasheet
518Kb / 12P
   Adjustable Output 3-Amp DOSA-SMT DC/DC Converters
logo
Murata Manufacturing Co...
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
logo
C&D Technologies
LSN2 CANDD-LSN2 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
Murata Manufacturing Co...
LSN2A MURATA-LSN2A Datasheet
293Kb / 15P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
Murata Power Solutions ...
OKY MURATA-PS-OKY Datasheet
784Kb / 22P
   Adjustable Output 3 and 5-Amp DOSA-SMT DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_1 Datasheet
651Kb / 17P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10_10 Datasheet
580Kb / 16P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
OKY-T10 MURATA-PS-OKY-T10 Datasheet
169Kb / 3P
   Programmable DOSA-SMT 10/16-Amp DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com