Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMOZ1L8 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CMOZ1L8
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ1L8 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMOZ1L8_10 Datasheet HTML 1Page - Central Semiconductor Corp CMOZ1L8_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMOZ1L8 THRU CMOZ47L
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
VVV
μA
Ω
μA
V
CMOZ12L
11.40
12
12.60
250
200
1.0
10.5
N8
CMOZ13L
12.35
13
13.65
250
200
1.0
10.5
N9
CMOZ15L
14.25
15
15.75
250
100
1.0
11.5
N0
CMOZ16L
15.20
16
16.80
250
100
1.0
14
P1
CMOZ18L
17.10
18
18.90
250
100
1.0
16
P2
CMOZ20L
19.00
20
21.00
250
150
1.0
18
P3
CMOZ22L
20.90
22
23.10
250
150
1.0
20
P4
CMOZ24L
22.80
24
25.20
250
150
1.0
22
P5
CMOZ27L
25.65
27
28.35
250
150
1.0
24
P6
CMOZ30L
28.50
30
31.50
250
200
1.0
27
P7
CMOZ33L
31.35
33
34.65
250
250
1.0
30
P8
CMOZ36L
34.20
36
37.80
250
200
1.0
33
P9
CMOZ39L
37.05
39
40.95
250
200
1.0
36
P0
CMOZ43L
40.85
43
45.15
250
250
1.0
40
R1
CMOZ47L
44.65
47
49.35
250
250
1.0
43
R2
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Cathode
2) Anode
www.centr a lsemi.com
R6 (25-January 2010)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn