Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMOZ1L8 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMOZ1L8
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMOZ1L8 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMOZ1L8_10 Datasheet HTML 1Page - Central Semiconductor Corp CMOZ1L8_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMOZ1L8 THRU CMOZ47L
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMOZ1L8 Series
Low Level Zener Diode is a high quality voltage
regulator in an epoxy-molded ULTRAmini™ package,
designed for applications requiring an extremely low
operating current and low leakage.
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTICS TABLE
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER
IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR
@
VR
VVV
μA
Ω
μA
V
CMOZ1L8
1.71
1.8
1.89
250
1400
25
1.0
L8
CMOZ2L0
1.90
2.0
2.10
250
1400
25
1.0
L9
CMOZ2L2
2.09
2.2
2.31
250
1400
25
1.0
L0
CMOZ2L4
2.28
2.4
2.52
250
1400
25
1.0
M1
CMOZ2L5
2.37
2.5
2.63
250
1500
10
1.0
M2
CMOZ2L7
2.57
2.7
2.84
250
1500
5.0
1.0
M3
CMOZ3L0
2.85
3.0
3.15
250
1600
5.0
1.0
M30
CMOZ3L3
3.14
3.3
3.47
250
1600
5.0
1.0
M4
CMOZ3L6
3.42
3.6
3.78
250
1700
5.0
1.0
M5
CMOZ3L9
3.71
3.9
4.10
250
1600
5.0
1.0
M6
CMOZ4L3
4.09
4.3
4.52
250
1600
1.0
1.5
M7
CMOZ4L7
4.47
4.7
4.94
250
1500
1.0
1.5
M8
CMOZ5L1
4.85
5.1
5.36
250
1500
1.0
1.5
M9
CMOZ5L6
5.32
5.6
5.88
250
1400
1.0
2.0
M0
CMOZ6L2
5.89
6.2
6.51
250
1200
1.0
2.0
N1
CMOZ6L8
6.46
6.8
7.14
250
200
1.0
3.5
N2
CMOZ7L5
7.12
7.5
7.88
250
200
1.0
3.5
N3
CMOZ8L2
7.79
8.2
8.61
250
200
1.0
6.0
N4
CMOZ9L1
8.65
9.1
9.56
250
200
1.0
6.0
N5
CMOZ10L
9.50
10
10.50
250
200
1.0
8.0
N6
CMOZ11L
10.45
11
11.55
250
200
1.0
8.0
N7
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=0.9 MAX @ IF=10mA (for all types)
SOD-523 CASE
R6 (25-January 2010)
www.centr a lsemi.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn