Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20334-12LQXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C20334-12LQXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20334-12LQXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C20334-12LQXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20334-12LQXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-05356 Rev. *N
Revised February 16, 2011
PSoC® Programmable System-on-Chip™
Features
Low power CapSense® block
Configurable capacitive sensing elements
Supports combination of CapSense buttons, sliders,
touchpads, and proximity sensors
Powerful Harvard-architecture processor
M8C processor speeds running up to 12 MHz
Low power at high speed
Operating voltage: 2.4 V to 5.25 V
Industrial temperature range: –40 °C to +85 °C
Flexible on-chip memory
8 KB flash program storage 50,000 erase/write cycles
512-Bytes SRAM data storage
Partial flash updates
Flexible protection modes
Interrupt controller
In-system serial programming (ISSP)
Complete development tools
Free development tool (PSoC Designer™)
Full-featured, in-circuit emulator, and programmer
Full-speed emulation
Complex breakpoint structure
128 KB trace memory
Precision, programmable clocking
Internal ±5.0% 6- / 12-MHz main oscillator
Internal low speed oscillator at 32 kHz for watchdog and sleep
Programmable pin configurations
Pull-up, high Z, open-drain, and CMOS drive modes on all
GPIOs
Up to 28 analog inputs on all GPIOs
Configurable inputs on all GPIOs
20-mA sink current on all GPIOs
Selectable, regulated digital I/O on port 1
• 3.0 V, 20 mA total port 1 source current
• 5 mA strong drive mode on port 1 versatile analog mux
Common internal analog bus
Simultaneous connection of I/O combinations
Comparator noise immunity
Low-dropout voltage regulator for the analog array
Additional system resources
Configurable communication speeds
•I2C: selectable to 50 kHz, 100 kHz, or 400 kHz
• SPI: configurable between 46.9 kHz and 3 MHz
I2C slave
SPI master and SPI slave
Watchdog and sleep timers
Internal voltage reference
Integrated supervisory circuit
SRAM
512 Bytes
System Bus
Interrupt
Controller
6/12 MHz Internal Main Oscillator
Global Analog Interconnect
PSoC
CORE
CPU Core
(M8C)
SROM
Flash 8K
SYSTEM RESOURCES
ANALOG
SYSTEM
Analog
Ref.
I2C Slave/SPI
Master-Slave
POR and LVD
System Resets
Port 1
Port 0
Sleep and
Watchdog
Analog
Mux
Port 3 Port 2
CapSense
Block
Config LDO
Logic Block Diagram
[+] Feedback


Similar Part No. - CY8C20334-12LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20334-12LQXIT CYPRESS-CY8C20334-12LQXIT Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20334-12LQXIT CYPRESS-CY8C20334-12LQXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20334-12LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com