Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75844 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC75844
Description  1/4 Duty General-Purpose LCD Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC75844 Datasheet HTML 1Page - Sanyo Semicon Device LC75844 Datasheet HTML 2Page - Sanyo Semicon Device LC75844 Datasheet HTML 3Page - Sanyo Semicon Device LC75844 Datasheet HTML 4Page - Sanyo Semicon Device LC75844 Datasheet HTML 5Page - Sanyo Semicon Device LC75844 Datasheet HTML 6Page - Sanyo Semicon Device LC75844 Datasheet HTML 7Page - Sanyo Semicon Device LC75844 Datasheet HTML 8Page - Sanyo Semicon Device LC75844 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ordering number : ENN6235
92299TH (OT) No. 6235-1/14
Overview
The LC75844M is a 1/4 duty general-purpose LCD driver
that can be used for frequency display in electronic tuners
under the control of a microcontroller. The LC75844M
can drive an LCD with up to 88 segments directly. The
LC75844M can also control up to 4 general-purpose
output ports. Since the LC75844M uses separate power
supply systems for the LCD drive block and the logic
block, the LCD driver block power-supply voltage can be
set to any voltage in the range 2.7 to 6.0 volts, regardless
of the logic block power-supply voltage.
Features
• Support for 1/4 duty 1/2 bias or 1/4 duty 1/3 bias drive
of up to 88 segments under serial data control.
• Serial data input supports CCB format communication
with the system controller.
• Serial data control of the power-saving mode based
backup function and all the segments forced off function
• Serial data control of switching between the segment
output port and the general-purpose output port
functions
• High generality, since display data is displayed directly
without decoder intervention.
• Independent VLCD for the LCD driver block (VLCD can
be set to any voltage in the range 2.7 to 6.0 volts,
regardless of the logic block power-supply voltage.)
• The INH pin can force the display to the off state.
• RC oscillator circuit
Package Dimensions
unit: mm
3204-MFP36S
0.15
15.3
1
18
36
19
0.85
0.35
0.8
SANYO: MFP36S
[LC75844M]
LC75844M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/4 Duty General-Purpose LCD Driver
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is a SANYO’s original bus format and all the
bus addresses are controlled by SANYO.


Similar Part No. - LC75844

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
More results

Similar Description - LC75844

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com