Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5385AXI-043 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C5385AXI-043
Description  Programmable System-on-Chip (PSoC )
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5385AXI-043 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C5385AXI-043 Datasheet HTML 1Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 2Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 3Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 4Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 5Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 6Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 7Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 8Page - Cypress Semiconductor CY8C5385AXI-043 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 102 page
background image
PRELIMINARY
PSoC® 5: CY8C53 Family Datasheet
Document Number: 001-55035 Rev. *G
Page 4 of 102
Figure 1-1 illustrates the major components of the CY8C53
family. They are:
ARM Cortex-M3 CPU subsystem
Nonvolatile subsystem
Programming, debug, and test subsystem
Inputs and outputs
Clocking
Power
Digital subsystem
Analog subsystem
PSoC’s digital subsystem provides half of its unique
configurability. It connects a digital signal from any peripheral to
any pin through the digital system interconnect (DSI). It also
provides functional flexibility through an array of small, fast,
low-power UDBs. PSoC Creator provides a library of pre-built
and tested standard digital peripherals (UART, SPI, LIN, PRS,
CRC, timer, counter, PWM, AND, OR, and so on) that are
mapped to the UDB array. The designer can also easily create a
digital circuit using boolean primitives by means of graphical
design entry. Each UDB contains programmable array logic
(PAL)/programmable logic device (PLD) functionality, together
with a small state machine engine to support a wide variety of
peripherals.
In addition to the flexibility of the UDB array, PSoC also provides
configurable digital blocks targeted at specific functions. For the
CY8C53 family these blocks can include four 16-bit timer,
counter, and PWM blocks; I2C slave, master, and multimaster;
Full-Speed USB; and Full CAN 2.0b.
For more details on the peripherals see the “Example
Peripherals” section on page 34 of this datasheet. For
information on UDBs, DSI, and other digital blocks, see the
“Digital Subsystem” section on page 34 of this datasheet.
PSoC’s analog subsystem is the second half of its unique
configurability. All analog performance is based on a highly
accurate absolute voltage reference with less than 0.1% error
over temperature and voltage. The configurable analog
subsystem includes:
Analog muxes
Comparators
Analog mixers
Voltage references
Analog-to-Digital Converters (ADC)
Digital-to-Analog Converters (DACs)
All GPIO pins can route analog signals into and out of the device
using the internal analog bus. This allows the device to interface
up to 62 discrete analog signals.
The CY8C53 family also offers a SAR ADC. Featuring 12-bit
conversions at up to 1 M samples per second, it also offers low
nonlinearity and offset errors and SNR better than 70 dB. It is
well suited for a variety of higher speed analog applications.
Two high speed voltage or current DACs support 8-bit output
signals at an update rate of up to 8 Msps. They can be routed
out of any GPIO pin. You can create higher resolution voltage
DAC outputs using the UDB array. This can be used to create a
pulse width modulated (PWM) DAC of up to 10 bits, at up to
48 kHz. The digital DACs in each UDB support PWM, PRS, or
delta-sigma algorithms with programmable widths.
In addition to the ADC and DACs, the analog subsystem
provides multiple:
Comparators
Uncommitted opamps
Configurable switched capacitor/continuous time (SC/CT)
blocks. These support:
Transimpedance amplifiers
Programmable gain amplifiers
Mixers
Other similar analog components
See the “Analog Subsystem” section on page 47 of this
datasheet for more details.
PSoC’s CPU subsystem is built around a 32-bit three-stage
pipelined ARM Cortex-M3 processor running at up to 80 MHz.
The Cortex-M3 includes a tightly integrated nested vectored
interrupt controller (NVIC) and various debug and trace modules.
The overall CPU subsystem includes a DMA controller, flash
cache, and RAM. The NVIC provides low latency, nested
interrupts, and tail-chaining of interrupts and other features to
increase the efficiency of interrupt handling. The DMA controller
enables peripherals to exchange data without CPU involvement.
This allows the CPU to run slower (saving power) or use those
CPU cycles to improve the performance of firmware algorithms.
The flash cache also reduces system power consumption by
allowing less frequent flash access.
PSoC’s nonvolatile subsystem consists of flash, byte-writeable
EEPROM, and nonvolatile configuration options. It provides up
to 256 KB of on-chip flash. The CPU can reprogram individual
blocks of flash, enabling boot loaders. The designer can enable
an error correcting code (ECC) for high reliability applications. A
powerful and flexible protection model secures the user's
sensitive information, allowing selective memory block locking
for read and write protection. Two KB of byte-writable EEPROM
is available on-chip to store application data. Additionally,
selected configuration options such as boot speed and pin drive
mode are stored in nonvolatile memory. This allows settings to
activate immediately after POR.
[+] Feedback


Similar Part No. - CY8C5385AXI-043

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C53 CYPRESS-CY8C53 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365AXI-043 CYPRESS-CY8C5365AXI-043 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5365LTI-104 CYPRESS-CY8C5365LTI-104 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366AXI-001 CYPRESS-CY8C5366AXI-001 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5366LTI-053 CYPRESS-CY8C5366LTI-053 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
More results

Similar Description - CY8C5385AXI-043

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com