Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA3345C-LF Datasheet(PDF) 1 Page - Z-Communications, Inc

Part # PSA3345C-LF
Description  Telecommunications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

PSA3345C-LF Datasheet(HTML) 1 Page - Z-Communications, Inc

  PSA3345C-LF Datasheet HTML 1Page - Z-Communications, Inc PSA3345C-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSA3345C-LF
Telecommunications
Satellite
Telemetry
5
30
3330
-70
-105
-12
3
3
-40 to 85
Frequency Range
Harmonic Suppression (2nd, typ.)
Sideband Spurs (typ.)
Switching Speed (typ., adjacent channel)
Startup Lock Time (typ.)
Operating Temperature Range
Package Style
PLL-24H
MHz
dBc
dBc
mSec
mSec
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
PHASE LOCKED LOOP
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
3330
MHz
• Step Size:
125 KHz
- Style Package
PLL-24H
A1
Rev
AN-107 : How to Solder Z-COMM VCOs / PLLs
AN-202 : PLL Functional Description
NOTES:
Reference Oscillator Signal: 5 MHz<
<100 MHz
Prescaler: 32
Frequency Synthesizer: Analog Devices - ADF4106
14118 Stowe Drive, Suite B | Poway, CA 92064
TEL: (858) 621-2700 | FAX: (858) 486-1927
Power Output
0±3
dBm
Load Impedance
50
Step Size
125
kHz
5000
3360
-
• Frequency Range:
-
3360
Charge Pump Output Current
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
dBc/Hz


Similar Part No. - PSA3345C-LF

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3345C-LF ZCOMM-PSA3345C-LF Datasheet
86Kb / 2P
   PHASE LOCKED LOOP
More results

Similar Description - PSA3345C-LF

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISPA40 ISOCOM-ISPA40 Datasheet
217Kb / 2P
   Telecommunications
ISDB40 ISOCOM-ISDB40 Datasheet
68Kb / 2P
   Telecommunications
logo
Z-Communications, Inc
PSA3920C-LF ZCOMM-PSA3920C-LF Datasheet
73Kb / 2P
   Telecommunications
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_07 Datasheet
117Kb / 5P
   Telecommunications
logo
ISOCOM COMPONENTS
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
   Telecommunications
ISPA06 ISOCOM-ISPA06 Datasheet
217Kb / 2P
   Telecommunications
ISA60 ISOCOM-ISA60 Datasheet
78Kb / 2P
   Telecommunications
ISPA60 ISOCOM-ISPA60 Datasheet
217Kb / 2P
   Telecommunications
ISPA20 ISOCOM-ISPA20 Datasheet
217Kb / 2P
   Telecommunications
ISA06 ISOCOM-ISA06 Datasheet
78Kb / 2P
   Telecommunications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com