Electronic Components Datasheet Search |
|
T7NS5D4-05 Datasheet(PDF) 2 Page - Tyco Electronics |
|
T7NS5D4-05 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 3 page Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical para- meters, test conditions and processing information only to be used together with the 'Definitions' section in the cat- alogue or at schrackrelays.com in the ‘Schrack’ section. Specifications subject to change. General Purpose Relays SCHRACK 2 Miniature Power PCB Relay T7N / T7N-WG (Continued) PCB layout / terminal assignment Bottom view on solder pins Dimensions S0260-AA S0260-AB S0260-AC S0349-A Non-release voltage, % of rated coil voltage 50% Coil insulation system according UL1446 class F Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 05 5 3.5 0.5 70 +10% 357 06 6 4.2 0.6 100 +10% 360 09 9 6.3 0.9 225 +10% 360 12 12 8.4 1.2 400 +10% 360 181) 18 13.5 1.8 900 +10% 360 24 24 16.8 2.4 1600 +10% 360 36 36 25.2 3.6 3600 +10% 360 48 48 33.6 4.8 6400 +10% 360 All figures are given for coil without preenergization, at ambient temperature +23°C Other coil voltages on request 1) UL approval only Insulation T7N T7N-WG Dielectric strength coil-contact circuit 2500 Vrms open contact circuit 1000 Vrms Clearance / creepage coil-contact circuit W 2/3 mm W 2,5 / 3,5 mm Material group of insulation parts IIIa Tracking index of relay base PTI 175 PTI 325 Insulation to IEC 618101 Type of insulation coil-contact circuit basic open contact circuit micro disconnection Rated insulation voltage 250 V Pollution degree 2 Rated voltage system 240 V Overvoltage category II Other data Mechanical endurance 10x106 cycles Material RoHS - Directive 2002/95/EC compliant as per product date code 0424 Resistance to heat and fire, WG version according EN60335, par.30 Environment Ambient temperature range -40...85°C Vibration resistance (function) NO / NC cont. >14 / 8 g, 30...400 Hz Shock resistance (destruction) 100 g Category of protection, T7N RTIII - wash tight, (RTII - flux proof) T7N-WG RTII - flux proof, RTIII - wash tight Processing Mounting PCB Resistance to soldering heat flux-proof version 270°C / 10 s wash-tight version 260°C / 5 s Relay weight 11 g Packaging unit 25/1000 pcs |
Similar Part No. - T7NS5D4-05 |
|
Similar Description - T7NS5D4-05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |