Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75821W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75821W
Description  LCD Display Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75821W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75821W Datasheet HTML 1Page - Sanyo Semicon Device LC75821W Datasheet HTML 2Page - Sanyo Semicon Device LC75821W Datasheet HTML 3Page - Sanyo Semicon Device LC75821W Datasheet HTML 4Page - Sanyo Semicon Device LC75821W Datasheet HTML 5Page - Sanyo Semicon Device LC75821W Datasheet HTML 6Page - Sanyo Semicon Device LC75821W Datasheet HTML 7Page - Sanyo Semicon Device LC75821W Datasheet HTML 8Page - Sanyo Semicon Device LC75821W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Electrical Characteristics for the Allowable Operating Ranges
No. 4532-2/10
LC75821E, 75821W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +7.0
V
VLCD
VLCD
–0.3 to VDD + 0.3
V
Input voltage
VIN1
CE, CLK, DATA, INH
–0.3 to +7.0
V
VIN2
OSC: output off
–0.3 to VDD + 0.3
V
Output voltage
VOUT
OSC: output off
–0.3 to VDD + 0.3
V
Output current
IOUT1
S1 to S53
100
µA
IOUT2
COM1, COM2
1.0
mA
Allowable power dissipation
Pd max
Ta = 85°C
100
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
3.0
6.5
V
VLCD
VLCD
3.0
VDD
V
Input high-level voltage
VIH1
INH
0.7 VDD
6.5
V
Input high-level voltage
VIH2
CE, CLK, DATA
0.8 VDD
6.5
V
Input low-level voltage
VIL1
INH
0
0.3 VDD
V
Input low-level voltage
VIL2
CE, CLK, DATA
0
0.2 VDD
V
Recommended external
ROSC
OSC
51
k
resistance
Recommended external
COSC
OSC
680
pF
capacitance
Guaranteed oscillation range
fOSC
OSC
25
50
100
kHz
Clock low-level pulse width
tøL
CLK
0.25
µs
Clock high-level pulse width
tøH
CLK
0.25
µs
Data setup time
tsup
CLK, DATA
0.25
µs
Data hold time
tdh
CLK, DATA
0.25
µs
t1
CE, DATA
1
µs
Serial data pulse width
t2
CE, CLK
1.25
µs
t3
1
µs
t4
4
µs
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level current
IIH
CE, CLK, DATA, INH: VI = 6.5 V
5
µA
Input low-level current
IIL
CE, CLK, DATA, INH: VI = 0 V
–5
µA
Output high-level voltage
VOH1
S1 to S53: IO = –10 µA
VDD – 1.0
V
Output high-level voltage
VOH2
COM1, COM2: IO = –100 µA
VLCD – 0.6
V
Output low-level voltage
VOL1
S1 to S53: IO = 10 µA
1.0
V
Output low-level voltage
VOL2
COM1, COM2: IO = 100 µA
0.6
V
Mid-level voltage
VMID1
COM1, COM2: VLCD = 6.5 V, IO = ±100 µA
2.65
3.25
3.85
V
VMID2
COM1, COM2: VLCD = 3.0 V, IO = ±100 µA
0.9
1.5
2.1
V
Oscillator frequency
fOSC
OSC: R = 51 k
Ω, C = 680 pF
40
50
60
kHz
Hysteresis voltage
VH
CE, CLK, DATA: VDD = 5 V
0.3
V
Current drain
IDD
0.6
mA
ILCD
VLCD
2
mA


Similar Part No. - LC75821W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
   LCD Display Drivers?
LC75822W SANYO-LC75822W Datasheet
128Kb / 10P
   LCD Display Drivers?
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75823W SANYO-LC75823W Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
More results

Similar Description - LC75821W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
   LCD Display Drivers?
logo
Intersil Corporation
ICM7231 INTERSIL-ICM7231 Datasheet
103Kb / 16P
   Numeric/Alphanumeric Triplexed LCD Display Drivers
ICM7231 INTERSIL-ICM7231_02 Datasheet
317Kb / 19P
   Numeric/Alphanumeric Triplexed LCD Display Drivers
logo
Sanyo Semicon Device
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
logo
NXP Semiconductors
PCF2100CP PHILIPS-PCF2100CP Datasheet
206Kb / 24P
   LCD drivers
1997 Mar 28
PCF21XXC NXP-PCF21XXC Datasheet
258Kb / 25P
   LCD drivers
Rev. 3 - 6 May 2015
PCF2112CT PHILIPS-PCF2112CT Datasheet
147Kb / 24P
   LCD drivers
1997 Mar 28
logo
Sanyo Semicon Device
LC7930N SANYO-LC7930N Datasheet
79Kb / 7P
   LCD Drivers
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com