Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65640A-LTXCT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C65640A-LTXCT
Description  TetraHub??High Speed USB Hub Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65640A-LTXCT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C65640A-LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 9Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 10Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 11Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 12Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 13Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 14Page - Cypress Semiconductor CY7C65640A-LTXCT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CY7C65640A
Document Number: 38-08019 Rev. *N
Page 11 of 25
Table 11. Hub Descriptor
Note
4. This value is configured through the External EEPROM.
Byte
All Speeds
Field Name
Description
0
0x09
bLength
9 Bytes
1
0x29
bDescriptorType
HUB descriptor
2
0x04[4]
bNbrPorts
Number of ports supported
3,4
0x0089[4]
wHubCharacteristics b1, b0: Logical Power Switching Mode
00: Ganged power switching (all ports’ power at once)
01: Individual port power switching (Default in TetraHub)
b2: Identifies a Compound Device,
0: Hub is not part of a compound device (Default in TetraHub),
1: Hub is part of a compound device.
b4, b3: Overcurrent protection mode
00: Global overcurrent protection. The hub reports overcurrent as a
summation of all ports current draw, without a breakdown of individual port
overcurrent status.
01: Individual port overcurrent protection. The hub reports overcurrent on
a per-port basis. Each port has an overcurrent status (Default in
TetraHub).
1X: No overcurrent protection. This option is enabled only for bus-
powered hubs that do not implement overcurrent protection.
b6, b5: TT Think Time
00: TT requires at most 8 FS bit times of inter transaction gap on a
full/low speed downstream bus (Default in TetraHub).
01: TT requires at most 16 FS bit times.
10: TT requires at most 24 FS bit times.
11: TT requires at most 32 FS bit times.
b7: Port indicators supported,
0: Port indicators are not supported on its downstream facing ports and
the PORT_INDICATOR request has no effect.
1: Port indicators are supported on its downstream facing ports and the
PORT_INDICATOR request controls the indicators.
b15...b8: Reserved
5
0x32[4]
bPwrOn2PwrGood
Time from when the port is powered to when the power is good on that port
6
0x64[4]
bHubContrCurrent
Maximum current requirement for the hub controller
7
0x00[4]
bDeviceRemovable
Indicates if the port has a removable device attached
8
0xFF[4]
bPortPwrCtrlMask
Required for compatibility with software written for 1.0 compliant devices
[+] Feedback


Similar Part No. - CY7C65640A-LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640A-LTXCT CYPRESS-CY7C65640A-LTXCT Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY7C65640A-LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640 CYPRESS-CY7C65640 Datasheet
675Kb / 27P
   TetraHub High-speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com