Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75817 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75817
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75817 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75817 Datasheet HTML 5Page - Sanyo Semicon Device LC75817 Datasheet HTML 6Page - Sanyo Semicon Device LC75817 Datasheet HTML 7Page - Sanyo Semicon Device LC75817 Datasheet HTML 8Page - Sanyo Semicon Device LC75817 Datasheet HTML 9Page - Sanyo Semicon Device LC75817 Datasheet HTML 10Page - Sanyo Semicon Device LC75817 Datasheet HTML 11Page - Sanyo Semicon Device LC75817 Datasheet HTML 12Page - Sanyo Semicon Device LC75817 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
No. 6144-9/43
LC75817E, 75817W
• ADRAM (Additional data RAM)
ADRAM is RAM used to store the ADATA display data. ADRAM has a capacity of 12
× 5 bits, and the stored display
data is displayed directly without the use of CGROM or CGRAM. The table below lists the correspondence between
the 4-bit ADRAM address loaded into AC and the display position on the LCD panel.
When the ADRAM address loaded into AC is 0H. (Number of digit displayed: 12)
Display digit
1
2
3
4
56789
10
11
12
ADRAM address (hexadecimal)
0
1
2
3
456789
A
B
However, when the display shift is performed by specifying ADATA, the ADRAM address shifts as shown below.
Display digit
1
2
3
4
56789
10
11
12
ADRAM address (hexadecimal)
1
2
3
4
56789
A
B
0
(Left shift)
Display digit
1
2
3
4
56789
10
11
12
ADRAM address (hexadecimal)
B
0
1
2
3456789
A
(Right shift)
Note: *5. The ADRAM addresses are expressed in hexadecimal.
Example: When the ADRAM address is AH
Note: *6. 5
× 7 dots ... 12-digit display
5 dots
5
× 8 dots ... 12-digit display
5 dots
5
× 9 dots ... 12-digit display
4 dots
• CGROM (Character generator ROM)
CGROM is ROM used to generate the 240 kinds of 5
× 7, 5 × 8, or 5 × 9 dot matrix character patterns from the 8-bit
character codes. CGROM has a capacity of 240
× 45 bits. When a character code is written to DCRAM, the character
pattern stored in CGROM corresponding to the character code is displayed at the position on the LCD corresponding to
the DCRAM address loaded into AC.
• CGRAM (Character generator RAM)
CGRAM is RAM to which user programs can freely write arbitrary character patterns. Up to 16 kinds of 5
× 7, 5 × 8,
or 5
× 9 dot matrix character patterns can be stored. CGRAM has a capacity of 16 × 45 bits.
ADRAM address
RA0
RA1
RA2
RA3
RA0
RA1
RA2
RA3
0101
Hexadecimal
Least significant bit
LSB
Most significant bit
MSB


Similar Part No. - LC75817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NW SANYO-LC75817NW Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results

Similar Description - LC75817

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com