Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C12501KV18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C12501KV18
Description  36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C12501KV18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C12501KV18 Datasheet HTML 1Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 2Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C12501KV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
36-Mbit DDR II+ SRAM 2-Word Burst
Architecture (2.0 Cycle Read Latency)
CY7C12461KV18, CY7C12571KV18
CY7C12481KV18, CY7C12501KV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-53194 Rev. *I
Revised January 31, 2011
36-Mbit DDR II+ SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Features
36-Mbit Density (4M x 8, 4M x 9, 2M x 18, 1M x 36)
450 MHz Clock for High Bandwidth
2-word Burst for reducing Address Bus Frequency
Double Data Rate (DDR) Interfaces
(data transferred at 900 MHz) at 450 MHz
Available in 2.0 Clock Cycle Latency
Two Input Clocks (K and K) for precise DDR Timing
SRAM uses rising edges only
Echo Clocks (CQ and CQ) simplify Data Capture in High Speed
Systems
Data Valid Pin (QVLD) to indicate Valid Data on the Output
Synchronous Internally Self Timed Writes
DDR II+ operates with 2.0 Cycle Read Latency when DOFF is
asserted HIGH
Operates similar to DDR I Device with 1 Cycle Read Latency
when DOFF is asserted LOW
Core VDD = 1.8V ± 0.1V; I/O VDDQ = 1.4V to VDD
[1]
Supports both 1.5V and 1.8V I/O supply
HSTL Inputs and Variable Drive HSTL Output Buffers
Available in 165-Ball FBGA Package (13 x 15 x 1.4 mm)
Offered in both Pb-free and non Pb-free Packages
JTAG 1149.1 Compatible Test Access Port
Phase Locked Loop (PLL) for Accurate Data Placement
Configurations
With Read Cycle Latency of 2.0 cycles:
CY7C12461KV18 – 4M x 8
CY7C12571KV18 – 4M x 9
CY7C12481KV18 – 2M x 18
CY7C12501KV18 – 1M x 36
Functional Description
The CY7C12461KV18, CY7C12571KV18, CY7C12481KV18,
and CY7C12501KV18 are 1.8V Synchronous Pipelined SRAMs
equipped with DDR II+ architecture. The DDR II+ consists of an
SRAM core with advanced synchronous peripheral circuitry.
Addresses for read and write are latched on alternate rising
edges of the input (K) clock. Write data is registered on the rising
edges of both K and K. Read data is driven on the rising edges
of K and K. Each address location is associated with two 8-bit
words (CY7C12461KV18), 9-bit words (CY7C12571KV18),
18-bit
words
(CY7C12481KV18),
or
36-bit
words
(CY7C12501KV18) that burst sequentially into or out of the
device.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
These devices are down bonded from the 65nm 72M
QDRII+/DDRII+ devices and hence have the same IDD/ISB1
values and the same JTAG ID code as the equivalent 72M device
options. For details refer to the application note AN53189, 65nm
Technology
InterimQDRII+/DDRII+
SRAM
device
family
description.
Table 1. Selection Guide
Description
450
MHz
400
MHz
375
MHz
333
MHz Unit
Max Operating Frequency
450
400
375
333 MHz
Max Operating Current
x8 630
580
550
510
mA
x9 630
580
550
510
x18 650
590
570
520
x36 820
750
710
640
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4V to VDD.
[+] Feedback


Similar Part No. - CY7C12501KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1250KV18 CYPRESS-CY7C1250KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1250KV18-400BZC CYPRESS-CY7C1250KV18-400BZC Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1250KV18-400BZI CYPRESS-CY7C1250KV18-400BZI Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1250KV18-400BZXC CYPRESS-CY7C1250KV18-400BZXC Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1250KV18-450BZXC CYPRESS-CY7C1250KV18-450BZXC Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C12501KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1266KV18 CYPRESS-CY7C1266KV18 Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCLA3636DGBA RENESAS-RMQCLA3636DGBA Datasheet
885Kb / 30P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Dec. 01, 2014
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA Datasheet
846Kb / 30P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Dec. 01, 2014
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com