Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75817W Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC75817W
Description  1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75817W Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75817W Datasheet HTML 4Page - Sanyo Semicon Device LC75817W Datasheet HTML 5Page - Sanyo Semicon Device LC75817W Datasheet HTML 6Page - Sanyo Semicon Device LC75817W Datasheet HTML 7Page - Sanyo Semicon Device LC75817W Datasheet HTML 8Page - Sanyo Semicon Device LC75817W Datasheet HTML 9Page - Sanyo Semicon Device LC75817W Datasheet HTML 10Page - Sanyo Semicon Device LC75817W Datasheet HTML 11Page - Sanyo Semicon Device LC75817W Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
No. 6144-8/43
LC75817E, 75817W
Block Functions
• AC (address counter)
AC is a counter that provides the addresses used for DCRAM and ADRAM.
The address is automatically modified internally, and the LCD display state is retained.
• DCRAM (data control RAM)
DCRAM is RAM that is used to store display data expressed as 8-bit character codes. (These character codes are
converted to 5
× 7, 5 × 8, or 5 × 9 dot matrix character patterns using CGROM or CGRAM.) DCRAM has a capacity of
48
× 8 bits, and can hold 48 characters. The table below lists the correspondence between the 6-bit DCRAM address
loaded into AC and the display position on the LCD panel.
When the DCRAM address loaded into AC is 00H.
Display digit
1
2
3
4
56789
10
11
12
DCRAM address (hexadecimal)
00
01
02
03
04
05
06
07
08
09
0A
0B
However, when the display shift is performed by specifying MDATA, the DCRAM address shifts as shown below.
Note: *3. The DCRAM addresses are expressed in hexadecimal.
Example: When the DCRAM address is 2EH.
Note: *4. 5
× 7 dots ... 12-digit display
5
× 7 dots
5
× 8 dots ... 12-digit display
5
× 8 dots
5
× 9 dots ... 12-digit display
4
× 9 dots
Display digit
1
2
3
4
56789
10
11
12
DCRAM address (hexadecimal)
01
02
03
04
05
06
07
08
09
0A
0B
0C
(Left shift)
Display digit
1
2
3
4
56789
10
11
12
DCRAM address (hexadecimal)
2F
00
01
02
03
04
05
06
07
08
09
0A
DCRAM address
DA0
DA1
DA2
DA3
DA4
DA5
(Right shift)
Least significant bit
LSB
DA0
DA1
DA2
DA3
DA4
DA5
011101
Most significant bit
MSB
Hexadecimal
Hexadecimal


Similar Part No. - LC75817W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NW SANYO-LC75817NW Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
More results

Similar Description - LC75817W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75811E SANYO-LC75811E Datasheet
626Kb / 27P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com