Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLD4448DOG Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLD4448DOG
Description  SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLD4448DOG Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLD4448DOG Datasheet HTML 1Page - Central Semiconductor Corp CMLD4448DOG Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLD4448DO
CMLD4448DOG
SURFACE MOUNT
DUAL, ISOLATED, OPPOSING
HIGH SPEED SILICON
SWITCHING DIODES
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLD4448DO
and CMLD4448DOG each contain two (2) Isolated
Opposing Configuration, Silicon Switching Diodes,
manufactured by the epitaxial planar process, epoxy
molded in a PICOmini™ surface mount package.
These devices are designed for high speed
switching applications.
MARKING CODES:
CMLD4448DO: C40
CMLD4448DOG: 4CG
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
120
V
Continuous Forward Current
IF
250
mA
Peak Repetitive Forward Current
IFRM
500
mA
Peak Forward Surge Current, tp=1.0μs
IFSM
4.0
A
Peak Forward Surge Current, tp=1.0s
IFSM
1.0
A
Power Dissipation
PD
250
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=50V
300
nA
IR
VR=50V, TA=125°C
100
μA
IR
VR=100V
500
nA
BVR
IR=100μA
120
150
V
VF
IF=1.0mA
0.55
0.59
0.65
V
VF
IF=10mA
0.67
0.72
0.77
V
VF
IF=100mA
0.85
0.91
1.0
V
CT
VR=0, f=1.0MHz
1.5
pF
trr
IR=IF=10mA, RL=100Ω, Rec. to 1.0mA
2.0
4.0
ns
SOT-563 CASE
• The CMLD4448DOG is Halogen Free by design
R4 (18-January 2010)
www.centra lsemi.com


Similar Part No. - CMLD4448DOG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD4448DOG CENTRAL-CMLD4448DOG Datasheet
511Kb / 3P
   HIGH SPEED SWITCHING DIODES
More results

Similar Description - CMLD4448DOG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLD4448DO CENTRAL-CMLD4448DO Datasheet
87Kb / 2P
   DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
CMLD3003DO CENTRAL-CMLD3003DO_10 Datasheet
580Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMKD3003DO CENTRAL-CMKD3003DO Datasheet
494Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMLD6001DO CENTRAL-CMLD6001DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO Datasheet
921Kb / 3P
   SURFACE MOUNT DUAL, ISOLATED, OPPOSING SILICON SCHOTTKY DIODES
logo
Pan Jit International I...
BAS100ATB6 PANJIT-BAS100ATB6_16 Datasheet
143Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
BAS100ATB6 PANJIT-BAS100ATB6_V01 Datasheet
329Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
August 10,2022
BAS100ATB6 PANJIT-BAS100ATB6 Datasheet
131Kb / 5P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
logo
Central Semiconductor C...
CMLSH-4DO CENTRAL-CMLSH-4DO_10 Datasheet
579Kb / 2P
   SURFACE MOUNT DUAL ISOLATED OPPOSING SILICON SCHOTTKY DIODES
CMXD2004TO CENTRAL-CMXD2004TO_10 Datasheet
496Kb / 2P
   SURFACE MOUNT TRIPLE ISOLATED OPPOSING HIGH VOLTAGE SILICON SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com