Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4713 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMHZ4713
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4713 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMHZ4713 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4713 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMHZ4678 THRU CMHZ4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
** ΔVZ=VZ @ 100μA MINUS VZ @ 10μA
ZENER
TEST
MAXIMUM
MAXIMUM
MAXIMUM
MARKING
TYPE
VOLTAGE
CURRENT REVERSE LEAKAGE
VOLTAGE
ZENER
CODE
VZ @ IZT
CURRENT
CHANGE**
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
ΔVZ
IZM
V
V
V
μA
μA
V
V
mA
CMHZ4697
9.500
10
10.50
50
1.0
7.6
0.10
24.8
CDE
CMHZ4698
10.45
11
11.55
50
0.05
8.4
0.11
21.6
CDF
CMHZ4699
11.40
12
12.60
50
0.05
9.1
0.12
20.4
CDH
CMHZ4700
12.35
13
13.65
50
0.05
9.8
0.13
19.0
CDJ
CMHZ4701
13.30
14
14.70
50
0.05
10.6
0.14
17.5
CDK
CMHZ4702
14.25
15
15.75
50
0.05
11.4
0.15
16.3
CDM
CMHZ4703
15.20
16
16.80
50
0.05
12.1
0.16
15.4
CDN
CMHZ4704
16.15
17
17.85
50
0.05
12.9
0.17
14.5
CDP
CMHZ4705
17.10
18
18.90
50
0.05
13.6
0.18
13.2
CDT
CMHZ4706
18.05
19
19.95
50
0.05
14.4
0.19
12.5
CDU
CMHZ4707
19.00
20
21.00
50
0.01
15.2
0.20
11.9
CDV
CMHZ4708
20.90
22
23.10
50
0.01
16.7
0.22
10.8
CDA
CMHZ4709
22.80
24
25.20
50
0.01
18.2
0.24
9.9
CDZ
CMHZ4710
23.75
25
26.25
50
0.01
19.0
0.25
9.5
CDY
CMHZ4711
25.65
27
28.35
50
0.01
20.4
0.27
8.8
CEA
CMHZ4712
26.60
28
29.40
50
0.01
21.2
0.28
8.5
CEC
CMHZ4713
28.50
30
31.50
50
0.01
22.8
0.30
7.9
CED
CMHZ4714
31.35
33
34.65
50
0.01
25.0
0.33
7.2
CEE
CMHZ4715
34.20
36
37.80
50
0.01
27.3
0.36
6.6
CEF
CMHZ4716
37.05
39
40.95
50
0.01
29.6
0.39
6.1
CEH
CMHZ4717
40.85
43
45.15
50
0.01
32.6
0.43
5.5
CEJ
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C), VF=1.5V MAX @ IF=100mA (for all types)
SOD-123 CASE - MECHANICAL OUTLINE
Lead Code:
1) Cathode
2) Anode
www.centr a lsemi.com
R3 (12-August 2010)


Similar Part No. - CMHZ4713

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4713 CENTRAL-CMHZ4713 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
More results

Similar Description - CMHZ4713

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614_10 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMOZ1L8 CENTRAL-CMOZ1L8 Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMPZ4099 CENTRAL-CMPZ4099_10 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW
CMHZ4099 CENTRAL-CMHZ4099_10 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com