Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMHZ4712 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMHZ4712
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMHZ4712 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMHZ4712 Datasheet HTML 1Page - Central Semiconductor Corp CMHZ4712 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMHZ4678 THRU CMHZ4717
SURFACE MOUNT
LOW LEVEL SILICON ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMHZ4678
Series Silicon Low Level Zener Diode is a high quality
voltage regulator designed for applications requiring an
extremely low operating current and low leakage.
SOD-123 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNIT
Power Dissipation
PD
500
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=100mA (for all types)
** ΔVZ=VZ @ 100μA MINUS VZ @ 10μA
ZENER
TEST
MAXIMUM
MAXIMUM
MAXIMUM
MARKING
TYPE
VOLTAGE
CURRENT REVERSE LEAKAGE
VOLTAGE
ZENER
CODE
VZ @ IZT
CURRENT
CHANGE**
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
ΔVZ
IZM
V
V
V
μA
μA
V
V
mA
CMHZ4678
1.710
1.8
1.890
50
7.5
1.0
0.70
120.0
CCC
CMHZ4679
1.900
2.0
2.100
50
5.0
1.0
0.70
110.0
CCD
CMHZ4680
2.090
2.2
2.310
50
4.0
1.0
0.75
100.0
CCE
CMHZ4681
2.280
2.4
2.520
50
2.0
1.0
0.80
95.0
CCF
CMHZ4682
2.565
2.7
2.835
50
1.0
1.0
0.85
90.0
CCH
CMHZ4683
2.850
3.0
3.150
50
0.8
1.0
0.90
85.0
CCJ
CMHZ4684
3.135
3.3
3.465
50
7.5
1.5
0.95
80.0
CCK
CMHZ4685
3.420
3.6
3.780
50
7.5
2.0
0.95
75.0
CCM
CMHZ4686
3.705
3.9
4.095
50
5.0
2.0
0.97
70.0
CCN
CMHZ4687
4.085
4.3
4.515
50
4.0
2.0
0.99
65.0
CCP
CMHZ4688
4.465
4.7
4.935
50
10
3.0
0.99
60.0
CCT
CMHZ4689
4.845
5.1
5.355
50
10
3.0
0.97
55.0
CCU
CMHZ4690
5.320
5.6
5.880
50
10
4.0
0.96
50.0
CCV
CMHZ4691
5.890
6.2
6.510
50
10
5.0
0.95
45.0
CCA
CMHZ4692
6.460
6.8
7.140
50
10
5.1
0.90
35.0
CCX
CMHZ4693
7.125
7.5
7.875
50
10
5.7
0.75
31.8
CCY
CMHZ4694
7.790
8.2
8.610
50
1.0
6.2
0.50
29.0
CCZ
CMHZ4695
8.265
8.7
9.135
50
1.0
6.6
0.10
27.4
CDC
CMHZ4696
8.645
9.1
9.555
50
1.0
6.9
0.08
26.2
CDD
MARKING CODE: SEE MARKING CODE ON
ELECTRICAL CHARACTERISTIC TABLE
R3 (12-August 2010)
www.centr a lsemi.com


Similar Part No. - CMHZ4712

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4712 CENTRAL-CMHZ4712 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
More results

Similar Description - CMHZ4712

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678 Datasheet
82Kb / 2P
   LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614_10 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 1.8 VOLTS THRU 6.2 VOLTS 500mW
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
   SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMOZ1L8 CENTRAL-CMOZ1L8 Datasheet
111Kb / 2P
   SURFACE MOUNT ULTRAmini LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS
CMPZ4099 CENTRAL-CMPZ4099_10 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW
CMHZ4099 CENTRAL-CMHZ4099_10 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com