Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1570KV18-450BZXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1570KV18-450BZXI
Description  72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1570KV18-450BZXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1570KV18-450BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1570KV18-450BZXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C1566KV18, CY7C1577KV18
CY7C1568KV18, CY7C1570KV18
Document Number: 001-15880 Rev. *K
Page 8 of 31
Pin Definitions
Pin Name
I/O
Pin Description
DQ[x:0]
Input Output-
Synchronous
Data Input Output Signals. Inputs are sampled on the rising edge of K and K clocks during valid write
operations. These pins drive out the requested data when the read operation is active. Valid data is driven
out on the rising edge of both the K and K clocks during read operations. When read access is deselected,
Q[x:0] are automatically tristated.
CY7C1566KV18
 DQ[7:0]
CY7C1577KV18
 DQ[8:0]
CY7C1568KV18
 DQ[17:0]
CY7C1570KV18
 DQ[35:0]
LD
Input-
Synchronous
Synchronous Load. Sampled on the rising edge of the K clock. This input is brought LOW when a bus
cycle sequence is defined. This definition includes address and read/write direction. All transactions
operate on a burst of 2 data. LD must meet the setup and hold times around edge of K.
NWS0,
NWS1
Input-
Synchronous
Nibble Write Select 0, 1
 Active LOW (CY7C1566KV18 only). Sampled on the rising edge of the K
and K clocks during write operations. Used to select which nibble is written into the device during the
current portion of the write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3
 Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1577KV18
 BWS0 controls D[8:0]
CY7C1568KV18
 BWS0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1570KV18
 BWS0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K clock during active read and write operations. These
address inputs are multiplexed for both read and write operations. Internally, the device is organized as
8 M × 8 (2 arrays each of 4 M × 8) for CY7C1566KV18 and 8 M × 9 (2 arrays each of 4 M × 9) for
CY7C1577KV18, 4 M × 18 (2 arrays each of 2 M × 18) for CY7C1568KV18, and 2 M × 36 (2 arrays each
of 1 M × 36) for CY7C1570KV18.
R/W
Input-
Synchronous
Synchronous Read or Write Input. When LD is LOW, this input designates the access type (read when
R/W is HIGH, write when R/W is LOW) for loaded address. R/W must meet the setup and hold times
around edge of K.
QVLD
Valid output
indicator
Valid Output Indicator. The Q Valid indicates valid output data. QVLD is edge aligned with CQ and CQ.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device
and to drive out data through Q[x:0]. All accesses are initiated on the rising edge of K.
K
Input Clock
Negative Input Clock Input. K is used to capture synchronous data being presented to the device and
to drive out data through Q[x:0].
CQ
Echo Clock
Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input clock
(K) of the DDR II+. The timing for the echo clocks is shown in the Switching Characteristics on page 25.
CQ
Echo Clock
Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input clock
(K) of the DDR II+. The timing for the echo clocks is shown in the Switching Characteristics on page 25.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus
impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor connected
between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
[+] Feedback


Similar Part No. - CY7C1570KV18-450BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1570KV18-450BZXI CYPRESS-CY7C1570KV18-450BZXI Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1570KV18-450BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18_08 Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1568XV18 CYPRESS-CY7C1568XV18 Datasheet
450Kb / 27P
   72-Mbit DDR II Xtreme SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCBA3636DGBA RENESAS-RMQCBA3636DGBA_15 Datasheet
849Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1266V18 CYPRESS-CY7C1266V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C12661KV18 CYPRESS-CY7C12661KV18 Datasheet
903Kb / 30P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com