Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY7C11461KV18 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part No. CY7C11461KV18
Description  18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY7C11461KV18 Datasheet(HTML) 27 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
CY7C11461KV18, CY7C11571KV18
CY7C11481KV18, CY7C11501KV18
Document Number: 001-53198 Rev. *F
Page 27 of 29
Package Diagram
Figure 8. 165-Ball FBGA (13 x 15 x 1.4 mm), 51-85180
A
1
PIN 1 CORNER
13.00±0.10
1.00
Ø0.50
(165X)
Ø0.25
M C A B
Ø0.08
M C
B
A
0.15(4X)
SEATING PLANE
PIN 1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
5
6
7
8
9
10
10.00
B
C
D
E
F
G
H
J
K
L
M
N
11
11
10
9
8
67
5
4
3
2
1
P
R
P
R
K
M
N
L
J
H
G
F
E
D
C
B
A
A
13.00±0.10
B
C
5.00
-0.06
+0.14
SOLDER PAD TYPE : NON-SOLDER MASK DEFINED (NSMD)
NOTES :
PACKAGE WEIGHT : 0.475g
JEDEC REFERENCE : MO-216 / ISSUE E
PACKAGE CODE : BB0AC
51-85180 *C
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn