Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMJ0130 Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # CMJ0130
Description  SURFACE MOUNT SILICON CURRENT LIMITING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMJ0130 Datasheet(HTML) 3 Page - Central Semiconductor Corp

  CMJ0130 Datasheet HTML 1Page - Central Semiconductor Corp CMJ0130 Datasheet HTML 2Page - Central Semiconductor Corp CMJ0130 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CMJ0130
THRU
CMJH180
SURFACE MOUNT SILICON
CURRENT LIMITING DIODE
TYPICAL ELECTRICAL CHARACTERISTICS
Regulator Current vs Voltage
www.centr a lsemi.com
R2 (5-October 2010)


Similar Part No. - CMJ0130

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMJ0130 CENTRAL-CMJ0130 Datasheet
1Mb / 2P
   Current Limiting Diodes
CMJ0130_CMJH180 CENTRAL-CMJ0130_CMJH180 Datasheet
1Mb / 2P
   0.13mA thru 18mA Current Limiting Diodes in the SOD-123FL package
More results

Similar Description - CMJ0130

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035_10 Datasheet
308Kb / 2P
   SURFACE MOUNT SILICON CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080_10 Datasheet
307Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE
CCLHM080 CENTRAL-CCLHM080 Datasheet
103Kb / 2P
   SURFACE MOUNT HIGH CURRENT CURRENT LIMITING DIODE
1N5283 CENTRAL-1N5283 Datasheet
341Kb / 2P
   SILICON CURRENT LIMITING DIODE DESCRIPTION:
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
   CURRENT LIMITING DIODE
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
   CURRENT LIMITING DIODE
logo
Central Semiconductor C...
CCL0035 CENTRAL-CCL0035 Datasheet
75Kb / 2P
   CURRENT LIMITING DIODE
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
   CURRENT LIMITING DIODE
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
   HIGH CURRENT CURRENT LIMITING DIODE
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
   20mA Current Limiting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com