Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1557KV18 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1557KV18
Description  72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1557KV18 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1557KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1557KV18 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY7C1546KV18, CY7C1557KV18
CY7C1548KV18, CY7C1550KV18
Document Number: 001-15879 Rev. *I
Page 9 of 31
DOFF
Input
PLL Turn Off
 Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the PLL turned off operation differs from those listed in this data sheet. For normal operation, this pin
can be connected to a pull up through a 10 K
 or less pull up resistor. The device behaves in DDR I mode
when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167 MHz
with DDR I timing.
TDO
Output
Test data out (TDO) for JTAG
TCK
Input
Test clock (TCK) pin for JTAG
TDI
Input
Test data in (TDI) pin for JTAG
TMS
Input
Test mode select (TMS) pin for JTAG
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
Input
Not connected to the die. Can be tied to any voltage level.
NC/288M
Input
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference voltage input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power supply inputs to the core of the device
VSS
Ground
Ground for the device
VDDQ
Power Supply Power supply inputs for the outputs of the device
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback


Similar Part No. - CY7C1557KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1557V18 CYPRESS-CY7C1557V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1557V18-300BZC CYPRESS-CY7C1557V18-300BZC Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1557V18-300BZI CYPRESS-CY7C1557V18-300BZI Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1557V18-300BZXC CYPRESS-CY7C1557V18-300BZXC Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1557V18-300BZXI CYPRESS-CY7C1557V18-300BZXI Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1557KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18_08 Datasheet
664Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18 CYPRESS-CY7C1146V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com