Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC7573NM Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC7573NM
Description  1/2 Duty VFD Driver for Frequency Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7573NM Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC7573NM Datasheet HTML 2Page - Sanyo Semicon Device LC7573NM Datasheet HTML 3Page - Sanyo Semicon Device LC7573NM Datasheet HTML 4Page - Sanyo Semicon Device LC7573NM Datasheet HTML 5Page - Sanyo Semicon Device LC7573NM Datasheet HTML 6Page - Sanyo Semicon Device LC7573NM Datasheet HTML 7Page - Sanyo Semicon Device LC7573NM Datasheet HTML 8Page - Sanyo Semicon Device LC7573NM Datasheet HTML 9Page - Sanyo Semicon Device LC7573NM Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Relation between Segment and Digit Outputs
Figure 4
Descriptions
1. Consider the examples shown in Figure 4, where data is set up so that the segment outputs S1 to S19 output a low
level on the G1 digit output timing and a high level on the G2 digit output timing. (Here, the G2 side being lighted)
2. The digit output G1 and G2 waveforms in Example 1 are output when the 10 bits of dimmer data (DM0 to DM9) are
set to 3FEH. The relation between t1 and the oscillator frequency fOSC is:
t1 = 2/fOSC.
For example, if fOSC = 1.6 [MHz], then
t1 = 2/1.6 [MHz] = 1.25 [µs].
Note that t1 and t2 are the same period in Example 1.
3. The digit output G1 and G2 waveforms in Example 2 are those when the dimmer data (DM0 to DM9) are set to a
smaller value. Although the time t1, which is from the point where digit output falls to segment output changes, does
not change, the time t2, which is from the point where segment output changes to the time the digit output rises,
becomes longer. When the dimmer data (DM0 to DM9) are set to 0FFH and fOSC is 1.6 [MHz], then the frame
frequency fO is:
fO = 1/(t3 × 2)
= fOSC/4096
= 391 [Hz],
and,
t3 = 1.28 [ms].
Therefore,
t2 =
= 0.96 [ms].
4. When the dimmer data (DM0 to DM9) are set to an even smaller value, the time t2, which is from the point where
segment output changes to the time the digit output rises, becomes even longer, as in Example 3. Note that t1 does
not change here, either.
(1.28 [ms] – 1.25 [µs]
× 2) × (3FF
H – 0FFH)
1023
No. 3587-8/10
LC7573N, 7573NM


Similar Part No. - LC7573NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7573N SANYO-LC7573N Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
More results

Similar Description - LC7573NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
   Clock For 1/2 Duty VFD
logo
Sanyo Semicon Device
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
   1/2 Duty Driver for Frequency Displays
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
logo
Holtek Semiconductor In...
HT16566 HOLTEK-HT16566 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_10 Datasheet
96Kb / 8P
   1/2 Duty VFD Digital Clock
logo
LAPIS Semiconductor Co....
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
logo
Holtek Semiconductor In...
HT16562 HOLTEK-HT16562 Datasheet
130Kb / 8P
   1/2 Duty VFD Digital Clock
HT16562 HOLTEK-HT16562_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
HT16566 HOLTEK-HT16566_12 Datasheet
141Kb / 8P
   1/2 Duty VFD Digital Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com