Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3440L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3440L
Description  NPN LOW POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3440L Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3440L Datasheet HTML 1Page - Microsemi Corporation 2N3440L Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN LOW POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/368
T4-LDS-0022 Rev. 2 (080663)
Page 1 of 2
DEVICES
LEVELS
2N3439
2N3440
JAN
2N3439L
2N3440L
JANTX
2N3439UA
2N3440UA
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3439
2N3440
Unit
Collector-Emitter Voltage
VCEO
350
250
Vdc
Collector-Base Voltage
VCBO
450
300
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector Current
IC
1.0
Adc
Total Power Dissipation
UA
@ TA = +25°C
(1)
@ TC = +25°C
(2)
@ TSP = +25°C
(3)
PT
0.8
5.0
2.0
W
Operating & Storage Temperature Range
Top , Tstg
-65 to +200
°C
1)
Derate linearly @ 4.57mW/°C for TA > +25°C
2)
Derate linearly @ 28.5mW/°C for TC > +25°C
3)
Derate linearly @ 14mW/°C for TSP > +25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
RBB1 = 470Ω;VBB1 = 6V
L = 25mH (min); f = 30 – 60Hz
2N3439
2N3440
V(BR)CEO
350
250
Vdc
Collector-Emitter Cutoff Current
VCE = 300Vdc
VCE = 200Vdc
2N3439
2N3440
ICEO
2.0
2.0
µAdc
Emitter-Base Cutoff Current
VEB = 7.0Vdc
IEBO
10
µAdc
Collector-Emitter Cutoff Current
VCE = 450Vdc, VBE = -1.5Vdc
VCE = 300Vdc, VBE = -1.5Vdc
2N3439
2N3440
ICEX
5.0
5.0
µAdc
Collector-Base Cutoff Current
VCB = 360Vdc
VCB = 250Vdc
VCB = 450Vdc
VCB = 300Vdc
2N3439
2N3440
2N3439
2N3440
ICBO
2.0
2.0
5.0
5.0
µAdc
TO-5 *
2N3439L, 2N3440L
TO-39 * (TO-205AD)
2N3439, 2N3440
UA
2N3439UA, 2N3440UA
* See Appendix A for Package
Outline


Similar Part No. - 2N3440L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3440L MICROSEMI-2N3440L Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
2N3440L MICROSEMI-2N3440L Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
More results

Similar Description - 2N3440L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
   NPN SILICON LOW POWER TRANSISTOR
logo
Microsemi Corporation
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
   NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
   NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
   NPN LOW POWER SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com