Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1081DV33-12BAXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1081DV33-12BAXI
Description  64-Mbit (4 M x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1081DV33-12BAXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1081DV33-12BAXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY7C1081DV33
Document #: 001-53992 Rev. *B
Page 10 of 12
Ordering Code Definition
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating Range
12
CY7C1081DV33-12BAXI
001-50044
48-Ball FBGA (8 × 9.5 × 1.4 mm) (Pb-free)
Industrial
Temperature Range: x = I
I = Industrial
Package Type: xxx = BAX
BAX = 48-ball FBGA (Pb-free)
Speed: xx = 12 ns
V33 = Voltage range (3 V to 3.6 V)
D = C9, 90 nm Technology
1 = Data width × 16 bits
08 = 64-Mbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
V33 - xx xxx
7
08 1 D
x
[+] Feedback


Similar Part No. - CY7C1081DV33-12BAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1081DV33-12BAXI CYPRESS-CY7C1081DV33-12BAXI Datasheet
469Kb / 13P
   64-Mbit (4 M x 16) Static RAM 2.0-V data retention
More results

Similar Description - CY7C1081DV33-12BAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
   64 Mbit (4M x 16) Static RAM
CY7C1081DV33_1105 CYPRESS-CY7C1081DV33_1105 Datasheet
469Kb / 13P
   64-Mbit (4 M x 16) Static RAM 2.0-V data retention
CY62187EV30_1106 CYPRESS-CY62187EV30_1106 Datasheet
420Kb / 15P
   64-Mbit (4 M x 16) Static RAM Ultra low standby power
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com