Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1081DV33 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1081DV33
Description  64-Mbit (4 M x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1081DV33 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1081DV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1081DV33 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY7C1081DV33
Document #: 001-53992 Rev. *B
Page 6 of 12
AC Switching Characteristics
Over the Operating Range [5]
Parameter
Description
–12
Unit
Min
Max
Read Cycle
tpower
VCC(typ) to the first access [6]
100
μs
tRC
Read cycle time
12
ns
tAA
Address to data valid
12
ns
tOHA
Data hold from address change
3
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
12
ns
tDOE
OE LOW to data valid
7
ns
tLZOE
OE LOW to low-Z
1
ns
tHZOE
OE HIGH to high-Z [7]
–7
ns
tLZCE
CE1 LOW and CE2 HIGH to low-Z [7]
3–
ns
tHZCE
CE1 HIGH and CE2 LOW to high-Z [7]
–7
ns
tPU
CE1 LOW and CE2 HIGH to power-up [8]
0–
ns
tPD
CE1 HIGH and CE2 LOW to power-down [8]
–12
ns
tDBE
Byte enable to data valid
7
ns
tLZBE
Byte enable to low-Z
1
ns
tHZBE
Byte disable to high-Z
7
ns
Write Cycle [9, 10]
tWC
Write cycle time
12
ns
tSCE
CE1 LOW and CE2 HIGH to write end
9
ns
tAW
Address setup to write end
9
ns
tHA
Address hold from write end
0
ns
tSA
Address setup to write start
0
ns
tPWE
WE pulse width
9
ns
tSD
Data setup to write end
7
ns
tHD
Data hold from write end
0
ns
tLZWE
WE HIGH to low-Z [7]
3–
ns
tHZWE
WE LOW to high-Z [7]
–7
ns
tBW
Byte enable to end of write
9
ns
Notes
5. Test conditions are based on signal transition time of 3 ns or less and timing reference levels of 1.5 V and input pulse levels of 0 to 3.0 V. Test conditions for the read
cycle use output loading shown in part a) of AC Test Loads and Waveforms[2], unless specified otherwise.
6. tpower is the minimum amount of time that the power supply must be at typical VCC values until the first memory access can be performed.
7. tHZOE, tHZCE, tHZWE, tHZBE and tLZOE, tLZCE, t\LZWE, tLZBE are specified with a load capacitance of 5 pF as in (b) of AC Test Loads and Waveforms[2].
8. These parameters are guaranteed by design and are not tested.
9. The internal memory write time is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. Chip enables must be active and WE and byte enables must be LOW to
initiate a write, and the transition of any of these signals can terminate the write. The input data setup and hold timing must be referenced to the leading edge of the
signal that terminates the write.
10. The minimum write cycle time for Write Cycle 2 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1081DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1081DV33-12BAXI CYPRESS-CY7C1081DV33-12BAXI Datasheet
469Kb / 13P
   64-Mbit (4 M x 16) Static RAM 2.0-V data retention
CY7C1081DV33_1105 CYPRESS-CY7C1081DV33_1105 Datasheet
469Kb / 13P
   64-Mbit (4 M x 16) Static RAM 2.0-V data retention
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
More results

Similar Description - CY7C1081DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
   64 Mbit (4M x 16) Static RAM
CY7C1081DV33_1105 CYPRESS-CY7C1081DV33_1105 Datasheet
469Kb / 13P
   64-Mbit (4 M x 16) Static RAM 2.0-V data retention
CY62187EV30_1106 CYPRESS-CY62187EV30_1106 Datasheet
420Kb / 15P
   64-Mbit (4 M x 16) Static RAM Ultra low standby power
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com