Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041DV33-12BVJXE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1041DV33-12BVJXE
Description  4-Mbit (256 K 횞 16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041DV33-12BVJXE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1041DV33-12BVJXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1041DV33-12BVJXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CY7C1041DV33
Document Number: 38-05473 Rev. *I
Page 3 of 17
Selection Guide
Description
–10 (Industrial)
–10 (Automotive-A) [2]
–12 (Automotive-E) [2]
Unit
Maximum access time
10
10
12
ns
Maximum operating current
90
90
95
mA
Maximum CMOS standby current
10
10
15
mA
Pin Configuration
Figure 1. 48-ball VFBGA (Pinout 1) [3, 4]
Figure 2. 48-ball VFBGA (Pinout 2) [3, 4]
Figure 3. 44-pin SOJ/TSOP II
WE
VCC
A11
A10
NC
A6
A0
A3
CE
IO2
IO 0
IO1
A4
A5
IO3
IO5
IO4
IO6
IO7
VSS
A9
A8
OE
VSS
A7
IO8
BHE
NC
A17
A2
A1
BLE
VCC
IO9
IO10
IO11
IO12
IO13 IO14
IO15
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
WE
VCC
A11
A10
NC
A6
A0
A3
CE
IO10
IO 8
IO9
A4
A5
IO11
IO13
IO12
IO14
IO15
VSS
A9
A8
OE
VSS
A7
IO0
BHE
NC
A17
A2
A1
BLE
VCC
IO2
IO 1
IO3
IO4
IO5
IO6
IO7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A17
18
17
20
19
27
28
25
26
22
21
23
24
A16
A15
A0
A1
A2
A3
A4
A7
A6
A14
A13
A12
A11
A9
A8
A10
OE
BHE
BLE
CE
WE
IO0
IO1
IO2
IO3
IO4
IO5
IO6
IO7
IO8
IO9
IO10
IO11
IO12
IO13
IO14
IO15
VCC
VCC
VSS
VSS
NC
10
A5
Notes
2. Automotive product information is preliminary.
3. NC pins are not connected on the die.
4. Pinout 1 is compliant with CY7C1041CV33 and pinout 2 is JEDEC compliant. The difference between the two is that the higher and lower byte I/Os (I/O[7:0] and I/O[15:8]
balls) are swapped.
[+] Feedback


Similar Part No. - CY7C1041DV33-12BVJXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041DV33-12BVXE CYPRESS-CY7C1041DV33-12BVXE Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041DV33-12BVJXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com