Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1046DV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1046DV33
Description  4-Mbit (1 M 횞 4) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1046DV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1046DV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1046DV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY7C1046DV33
4-Mbit (1 M × 4) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05611 Rev. *D
Revised December 2, 2010
4-Mbit (1 M × 4) Static RAM
Features
Pin- and function-compatible with CY7C1046CV33
High speed
tAA = 10 ns
Low active power
ICC = 90 mA @ 10 ns
Low CMOS standby power
ISB2 = 10 mA
2.0 V data retention
Automatic power-down when deselected
TTL-compatible inputs and outputs
Easy memory expansion with CE and OE features
Available in lead-free 400-mil-wide 32-pin SOJ package
Functional Description
The CY7C1046DV33[1] is a high-performance CMOS static
RAM organized as 1M words by 4 bits. Easy memory
expansion is provided by an active LOW Chip Enable (CE), an
active LOW Output Enable (OE), and tri-state drivers. Writing
to the device is accomplished by taking Chip Enable (CE) and
Write Enable (WE) inputs LOW. Data on the four I/O pins (I/O0
through I/O3) is then written into the location specified on the
address pins (A0 through A19).
Reading from the device is accomplished by taking Chip
Enable (CE) and Output Enable (OE) LOW while forcing Write
Enable (WE) HIGH. Under these conditions, the contents of
the memory location specified by the address pins will appear
on the I/O pins.
The four input/output pins (I/O0 through I/O3) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a Write
operation (CE LOW, and WE LOW).
The CY7C1046DV33 is available in a standard 400-mil-wide
32-pin SOJ package with center power and ground
(revolutionary) pinout.
Logic Block Diagram
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
I/O1
1 Mbit x 4
I/O3
I/O2
A0
CE
A9
A10
Note
1. For guidelines on SRAM system design, please refer to the System Design Guidelines Cypress application note, available on the internet at www.cypress.com.
[+] Feedback


Similar Part No. - CY7C1046DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33-10VXI CYPRESS-CY7C1046DV33-10VXI Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
More results

Similar Description - CY7C1046DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046D CYPRESS-CY7C1046D_10 Datasheet
466Kb / 15P
   4-Mbit (1 M 횞 4) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY62146GN CYPRESS-CY62146GN Datasheet
552Kb / 17P
   4-Mbit (256K 횞 16) Static RAM
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com