Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1046D-10VXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1046D-10VXI
Description  4-Mbit (1 M 횞 4) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1046D-10VXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1046D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 12Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 13Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 14Page - Cypress Semiconductor CY7C1046D-10VXI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY7C1046D
Document Number: 38-05705 Rev. *D
Page 11 of 15
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C1046D-10VXI
51-85033
32-pin (400-Mil) Molded SOJ (Pb-free)
Industrial
Ordering Code Definitions
Please contact your local Cypress sales representative for availability of these parts.
Temperature Range:
I = Industrial
Package Type:
VX = 32-pin (400-Mil) Molded SOJ (Pb-free)
Speed: 10 ns
D = C9, 90 nm Technology
6 = Data width × 4-bits
04 = 4-Mbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
- 10 VX
7
04 6 D
I
[+] Feedback


Similar Part No. - CY7C1046D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046D CYPRESS-CY7C1046D Datasheet
393Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
CY7C1046DV33-10VXI CYPRESS-CY7C1046DV33-10VXI Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33-10VXI CYPRESS-CY7C1046DV33-10VXI Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
More results

Similar Description - CY7C1046D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046DV33 CYPRESS-CY7C1046DV33_10 Datasheet
459Kb / 14P
   4-Mbit (1 M 횞 4) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY62146GN CYPRESS-CY62146GN Datasheet
552Kb / 17P
   4-Mbit (256K 횞 16) Static RAM
CY62148GN CYPRESS-CY62148GN Datasheet
928Kb / 16P
   4-Mbit (512K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com