Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041DV33-10BVI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1041DV33-10BVI
Description  4-Mbit (256 K 횞 16) Static RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041DV33-10BVI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1041DV33-10BVI Datasheet HTML 1Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 2Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 3Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 4Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 5Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 6Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 7Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 8Page - Cypress Semiconductor CY7C1041DV33-10BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY7C1041DV33
Document Number: 38-05473 Rev. *I
Page 5 of 17
Capacitance[7]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = 3.3 V
8
pF
COUT
I/O capacitance
8
pF
Thermal Resistance[7]
Parameter
Description
Test Conditions
FBGA
Package
SOJ
Package
TSOP II
Package
Unit
ΘJA
Thermal resistance
(junction to ambient)
Still Air, soldered on a 3 × 4.5 inch,
four layer printed circuit board
27.89
57.91
50.66
°C/W
ΘJC
Thermal resistance
(junction to case)
14.74
36.73
17.17
°C/W
AC Test Loads and Waveforms
The AC test loads and waveform diagram follows.[8]
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
Ω
50
Ω
1.5V
(b)
(a)
3.3V
OUTPUT
5 pF
(c)
R 317
Ω
R2
351
Ω
High-Z Characteristics
10 ns device
Notes
7. Tested initially and after any design or process changes that may affect these parameters.
8. AC characteristics (except high Z) are tested using the load conditions shown in AC Test Loads and Waveforms (a). High Z characteristics are tested for all speeds
using the test load shown in (c).
[+] Feedback


Similar Part No. - CY7C1041DV33-10BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041DV33-10BVI CYPRESS-CY7C1041DV33-10BVI Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10BVIT CYPRESS-CY7C1041DV33-10BVIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
More results

Similar Description - CY7C1041DV33-10BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com