Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LC75410E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC75410E
Description  Electronic Volume Controller for Car Audio Systems
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC75410E Datasheet(HTML) 4 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
No. 7027-4/28
LC75410E, 75410W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
Maximum input voltage
VIN max
All input pins
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85°C, when mounted on board
QIP64E
680
mW
SQFP64
800
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
6.0
10.5
V
Input high-level voltage
VIH
CL, DI, CE, MUTE
4.0
10.5
V
Input low-level voltage
VIL
CL, DI, CE, MUTE
VSS
1.0
V
Input amplitude voltage
VIN
VSS
VDD
Vp-p
Input pulse width
TøW
CL
1
µs
Setup time
Tsetup
CL, DI, CE
1
µs
Hold time
Thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
[Input block]
Input resistance
Rin
L1 to L4, R1 to R4
25
50
100
k
Minimum input gain
Ginmin
L1 to L4, R1 to R4
–1
0
+1
dB
Maximum input gain
Ginmax
+16.5
+18.75
+21
dB
Step setting error
ATerr
±0.5
dB
L/R balance
BAL
±0.5
dB
[Volume Block]
Input resistance
Rvr
LVRIN, RVRIN, loudness off
113
226
452
k
Step setting error
ATerr
±0.5
dB
L/R balance
BAL
±0.5
dB
[Tone block]
Step setting error
ATerr
±1.0
dB
Bass control range
Gbass
max. boost/cut
±9
±12
±15
dB
Mid control range
Gmid
max. boost/cut
±9
±12
±15
dB
Treble control range
Gtre
max. boost/cut
±9
±12
±15
dB
L/R balance
BAL
±0.5
dB
Electrical Characteristics at Ta = 25°C, VDD = 9 V, VSS = 0 V
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn