Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021CV26 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1021CV26
Description  1-Mbit (64 K 횞 16) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV26 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1021CV26 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV26 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C1021CV26
Document Number: 38-05589 Rev. *E
Page 3 of 15
Pin Configuration[2]
Selection Guide[1]
–15
Unit
Maximum Access Time
15
ns
Maximum Operating Current
80
mA
Maximum CMOS Standby Current
10
mA
Pin Definitions
Pin Name
Pin Number
I/O Type
Description
A0–A15
1–5, 18–21,
24–27, 42–44
Input
Address Inputs used to select one of the address locations.
I/O1–I/O16 7–10, 13–16,
29–32, 35–38
Input/Output
Bidirectional Data I/O lines. Used as input or output lines depending on operation.
NC
22, 23, 28
No Connect
No Connects. This pin is not connected to the die.
WE
17
Input/Control
Write Enable Input, active LOW. When selected LOW, a Write is conducted. When
selected HIGH, a Read is conducted.
CE
6
Input/Control
Chip Enable Input, active LOW. When LOW, selects the chip. When HIGH,
deselects the chip.
BHE, BLE 40, 39
Input/Control
Byte Write Select Inputs, active LOW. BHE controls I/O16–I/O9, BLE controls
I/O8–I/O1.
OE
41
Input/Control
Output Enable, active LOW. Controls the direction of the I/O pins. When LOW, the
I/O pins are allowed to behave as outputs. When deasserted HIGH, I/O pins are
tri-stated, and act as input data pins.
VSS
12, 34
Ground
Ground for the device. Should be connected to ground of the system.
VCC
11, 33
Power Supply
Power Supply inputs to the device.
Notes
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C.
2. NC pins are not connected on the die.
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
TSOP II -Top View
12
13
41
44
43
42
16
15
29
30
VCC
A15
A14
A13
A12
NC
A4
A3
OE
VSS
A5
I/O16
A2
CE
I/O3
I/O1
I/O2
BHE
NC
A1
A0
18
17
20
19
I/O4
27
28
25
26
22
21
23
24
NC
VSS
I/O7
I/O5
I/O6
I/O8
A6
A7
BLE
VCC
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
[+] Feedback


Similar Part No. - CY7C1021CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1021CV26-15BAE CYPRESS-CY7C1021CV26-15BAE Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1021CV26-15BAET CYPRESS-CY7C1021CV26-15BAET Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
More results

Similar Description - CY7C1021CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com