Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5643LF0MLQ1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPC5643LF0MLQ1
Description  High-performance e200z4d dual core
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5643LF0MLQ1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPC5643LF0MLQ1 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5643LF0MLQ1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
8
Each DMA task can optionally generate an interrupt at completion and retirement of the task
Signal to indicate closure of last minor loop
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processing channel.
1.6.5
On-chip flash memory with ECC
This device includes programmable, non-volatile flash memory. The non-volatile memory (NVM) can be used for instruction
storage or data storage, or both. The flash memory module interfaces with the system bus through a dedicated flash memory
array controller. It supports a 64-bit data bus width at the system bus port, and a 128-bit read data interface to flash memory.
The module contains four 128-bit prefetch buffers. Prefetch buffer hits allow no-wait responses. Buffer misses incur a 3 wait
state response at 120 MHz.
The flash memory module provides the following features
1 MB of flash memory in unique multi-partitioned hard macro
Sectorization: 16 KB + 2 × 48 KB + 16 KB + 2 × 64 KB + 2 × 128 KB + 2 × 256 KB
EEPROM emulation (in software) within same module but on different partition
16 KB test sector and 16 KB shadow sector for test, censorship device and user option bits
Wait states:
— 3 wait states at 120 MHz
— 2 wait states at 80 MHz
— 1 wait state at 60 MHz
Flash memory line 128-bit wide with 8-bit ECC on 64-bit word (total 144 bits)
Accessed via a 64-bit wide bus for write and a 128-bit wide array for read operations
1-bit error correction, 2-bit error detection
1.6.6
On-chip SRAM with ECC
The MPC5643L SRAM provides a general-purpose single port memory.
ECC handling is done on a 32-bit boundary for data and it is extended to the address to have the highest possible diagnostic
coverage including the array internal address decoder.
The SRAM module provides the following features:
System SRAM: 128 KB
ECC on 32-bit word (syndrome of 7 bits)
— ECC covers SRAM bus address
1-bit error correction, 2-bit error detection
Wait states:
— 1 wait state at 120 MHz
— 0 wait states at 80 MHz and 60 MHz
1.6.7
Platform flash memory controller
The following list summarizes the key features of the flash memory controller:
Single AHB port interface supports a 64-bit data bus. All AHB aligned and unaligned reads within the 32-bit container
are supported. Only aligned word writes are supported.
Array interfaces support a 128-bit read data bus and a 64-bit write data bus for each bank.
Code flash (bank0) interface provides configurable read buffering and page prefetch support.


Similar Part No. - PPC5643LF0MLQ1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5643LF0MLQ1 FREESCALE-PPC5643LF0MLQ1 Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
PPC5643LF0MLQ1R FREESCALE-PPC5643LF0MLQ1R Datasheet
1Mb / 98P
   MPC5643L Microcontroller Data Sheet
More results

Similar Description - PPC5643LF0MLQ1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
   1200V Dual-Channel Augmented High Performance SiC Core 1
2021
2ASC-17A1HP MICROCHIP-2ASC-17A1HP Datasheet
1Mb / 19P
   1700V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M Datasheet
1Mb / 132P
   High performance e200z335 core processor
logo
List of Unclassifed Man...
ANTARES ETC2-ANTARES Datasheet
300Kb / 2P
   High performance ??Intel Core i7/Core i5 processor technology
logo
Rockchip Electronics Co...
RK3328 ROCKCHIP-RK3328 Datasheet
2Mb / 46P
   high-performance Quad-core application processor
Revision 1.2 Feb. 2018
logo
Freescale Semiconductor...
P2020PSE2MZB FREESCALE-P2020PSE2MZB Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
P2020RDB-PCA FREESCALE-P2020RDB-PCA Datasheet
3Mb / 8P
   P2 Platform Series Dual core performance in a single core power envelope
logo
NXP Semiconductors
MC68HC11KG4 NXP-MC68HC11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
   High Performance low-power Cortex-M3 core
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
   PMIC Optimized For Multi-Core High-Performance System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com