Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020DV33-12ZSXE Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1020DV33-12ZSXE
Description  512K (32K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020DV33-12ZSXE Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1020DV33-12ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1020DV33-12ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY7C1020DV33
Document #: 38-05461 Rev. *F
Page 4 of 12
Switching Characteristics Over the Operating Range [7]
Parameter
Description
–10 (Industrial)
–12 (Automotive)
Unit
Min.
Max.
Min.
Max.
Read Cycle
tpower[8]
VCC(typical) to the first access
100
100
s
tRC
Read Cycle Time
10
12
ns
tAA
Address to Data Valid
10
12
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
10
12
ns
tDOE
OE LOW to Data Valid
5
6ns
tLZOE
OE LOW to Low-Z[9]
0
0
ns
tHZOE
OE HIGH to High-Z[9, 10]
5
6ns
tLZCE
CE LOW to Low-Z[9]
3
3
ns
tHZCE
CE HIGH to High-Z[9, 10]
5
6ns
tPU[11]
CE LOW to Power-up
0
0
ns
tPD[11]
CE HIGH to Power-down
10
12
ns
tDBE
Byte Enable to Data Valid
5
6ns
tLZBE
Byte Enable to Low-Z
0
0
ns
tHZBE
Byte Disable to High-Z
5
6ns
Write Cycle[12]
tWC
Write Cycle Time
10
12
ns
tSCE
CE LOW to Write End
8
9
ns
tAW
Address Set-up to Write End
8
9
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-up to Write Start
0
0
ns
tPWE
WE Pulse Width
7
8
ns
tSD
Data Set-up to Write End
5
6
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low-Z[9]
3
3
ns
tHZWE
WE LOW to High-Z[9, 10]
5
6ns
tBW
Byte Enable to End of Write
7
8
ns
Notes
7. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V.
8. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed
9. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in (c) of AC Test Loads. Transition is measured when the outputs enter a high impedance state.
10. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
11. This parameter is guaranteed by design and is not tested.
12. The internal Write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a Write and
the transition of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
[+] Feedback


Similar Part No. - CY7C1020DV33-12ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020DV33-12ZSXE CYPRESS-CY7C1020DV33-12ZSXE Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
More results

Similar Description - CY7C1020DV33-12ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
   CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com