Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020DV33 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1020DV33
Description  512K (32K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020DV33 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1020DV33_10 Datasheet HTML 4Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 5Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 6Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 7Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 8Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 9Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 10Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 11Page - Cypress Semiconductor CY7C1020DV33_10 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY7C1020DV33
Document #: 38-05461 Rev. *F
Page 8 of 12
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating Range
10
CY7C1020DV33-10VXI
51-85082
44-pin (400-Mil) Molded SOJ (Pb-free)
Industrial
CY7C1020DV33-10ZSXI
51-85087
44-pin TSOP Type II (Pb-free)
12
CY7C1020DV33-12ZSXE
51-85087
44-pin TSOP Type II (Pb-free)
Automotive
Ordering Code Definitions
Shaded areas contain advance information. Please contact your local Cypress sales representative for availability of these parts.
Temperature Range: X = I or E
I = Industrial; E = Automotive
Package Type: XX = VX or ZSX
VX = 44-pin Molded SOJ (Pb-free)
ZSX = 44-pin TSOP Type II (Pb-free)
Speed: XX = 10 ns or 12 ns
V33 = Voltage range (3 V to 3.6 V)
D = C9, 90 nm Technology
0 = Data width × 16-bits
02 = 512-Kbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
- XX XX
7
02
V33
X
D
0
[+] Feedback


Similar Part No. - CY7C1020DV33_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020DV33-10VXI CYPRESS-CY7C1020DV33-10VXI Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020DV33-10ZSXI CYPRESS-CY7C1020DV33-10ZSXI Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
More results

Similar Description - CY7C1020DV33_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
   CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com