Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020D Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1020D
Description  512K (32K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020D Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1020D_10 Datasheet HTML 1Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 2Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 3Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 4Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 5Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 6Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 7Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 8Page - Cypress Semiconductor CY7C1020D_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C1020D
Document #: 38-05463 Rev. *F
Page 5 of 13
Switching Characteristics (Over the Operating Range) [6]
Parameter
Description
–10 (Industrial)
Unit
Min
Max
Read Cycle
tpower [7]
VCC(typical) to the first access
100
s
tRC
Read Cycle Time
10
ns
tAA
Address to Data Valid
10
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
10
ns
tDOE
OE LOW to Data Valid
5
ns
tLZOE
OE LOW to Low Z [9]
0ns
tHZOE
OE HIGH to High Z [8, 9]
5ns
tLZCE
CE LOW to Low Z [9]
3ns
tHZCE
CE HIGH to High Z [8, 9]
5ns
tPU [10]
CE LOW to Power-Up
0
ns
tPD [10]
CE HIGH to Power-Down
10
ns
tDBE
Byte Enable to Data Valid
5
ns
tLZBE
Byte Enable to Low Z
0
ns
tHZBE
Byte Disable to High Z
5
ns
Write Cycle [11, 12]
tWC
Write Cycle Time
10
ns
tSCE
CE LOW to Write End
7
ns
tAW
Address Set-Up to Write End
7
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
7
ns
tSD
Data Set-Up to Write End
6
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z [9]
3ns
tHZWE
WE LOW to High Z [8, 9]
5ns
tBW
Byte Enable to End of Write
7
ns
Notes
6. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
7. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed.
8. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (c) of “AC Test Loads and Waveforms [5]” on page 4. Transition is measured when the
outputs enter a high impedance state.
9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
10. This parameter is guaranteed by design and is not tested.
11. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a write and
the transition of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
12. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1020D_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020D-10VXI CYPRESS-CY7C1020D-10VXI Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D-10VXI CYPRESS-CY7C1020D-10VXI Datasheet
458Kb / 15P
   512K (32K x 16) Static RAM Automatic power-down when deselected
CY7C1020D-10ZSXI CYPRESS-CY7C1020D-10ZSXI Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D-10ZSXI CYPRESS-CY7C1020D-10ZSXI Datasheet
458Kb / 15P
   512K (32K x 16) Static RAM Automatic power-down when deselected
More results

Similar Description - CY7C1020D_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
logo
Sharp Corporation
LH5P1632 SHARP-LH5P1632 Datasheet
89Kb / 10P
   CMOS 512K (32K x 16) Pseudo-Static RAM
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
417Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com