Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5602D Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5602D
Description  Up to 256 KB on-chip Code Flash supported with Flash controller and ECC
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602D Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5602D Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602D Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
MPC5602D Microcontroller Data Sheet, Rev. 3.1
Preliminary—Subject to Change Without Notice
Package pinouts and signal descriptions
Freescale Semiconductor
16
PD[3]
PCR[51]
AF0
AF1
AF2
AF3
GPIO[51]
ADC1_P[7]
SIUL
ADC
I
I
I
Tristate —
44
PD[4]
PCR[52]
AF0
AF1
AF2
AF3
GPIO[52]
ADC1_P[8]
SIUL
ADC
I
I
I
Tristate —
45
PD[5]
PCR[53]
AF0
AF1
AF2
AF3
GPIO[53]
ADC1_P[9]
SIUL
ADC
I
I
I
Tristate —
46
PD[6]
PCR[54]
AF0
AF1
AF2
AF3
GPIO[54]
ADC1_P[10]
SIUL
ADC
I
I
I
Tristate —
47
PD[7]
PCR[55]
AF0
AF1
AF2
AF3
GPIO[55]
ADC1_P[11]
SIUL
ADC
I
I
I
Tristate —
48
PD[8]
PCR[56]
AF0
AF1
AF2
AF3
GPIO[56]
ADC1_P[12]
SIUL
ADC
I
I
I
Tristate —
49
PD[9]
PCR[57]
AF0
AF1
AF2
AF3
GPIO[57]
ADC1_P[13]
SIUL
ADC
I
I
I
Tristate —
56
PD[10]
PCR[58]
AF0
AF1
AF2
AF3
GPIO[58]
ADC1_P[14]
SIUL
ADC
I
I
I
Tristate —
57
PD[11]
PCR[59]
AF0
AF1
AF2
AF3
GPIO[59]
ADC1_P[15]
SIUL
ADC
I
I
I
Tristate —
58
Table 3. Functional port pin descriptions (continued)
Port
pin
PCR
register
Alternate
function1
Function
Peripheral
I/O
direction2
Pad
type
RESET
config.
Pin No.
64
LQFP
100
LQFP


Similar Part No. - MPC5602D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5602D FREESCALE-MPC5602D Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
MPC5602DPB FREESCALE-MPC5602DPB Datasheet
144Kb / 27P
   MPC5602D Microcontroller Product Brief
MPC5602DRM FREESCALE-MPC5602DRM Datasheet
4Mb / 938P
   MPC5602D Microcontroller Reference Manual
More results

Similar Description - MPC5602D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KE1XZP100M72SF1 NXP-KE1XZP100M72SF1 Datasheet
1Mb / 82P
   Kinetis KE17Z/13Z/12Z with up to 256 KB Flash
Rev. 2, 09/2021
KE1XZP100M72SF1 NXP-KE1XZP100M72SF1_V01 Datasheet
1Mb / 84P
   Kinetis KE17Z/13Z/12Z with up to 256 KB Flash
Rev. 2.1, 02/2022
logo
Freescale Semiconductor...
S9S12G128F0MLH FREESCALE-S9S12G128F0MLH Datasheet
8Mb / 1292P
   S12 CPU core, Up to 240 Kbyte on-chip flash with ECC
logo
Microchip Technology
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
logo
Renesas Technology Corp
RA4M2 RENESAS-RA4M2 Datasheet
1Mb / 92P
   Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
Jan 27, 2021
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
Microchip Technology
DSPIC33FJXXXGPX06A MICROCHIP-DSPIC33FJXXXGPX06A_12 Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
DSPIC33FJ256GP710A-I MICROCHIP-DSPIC33FJ256GP710A-I Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
logo
Microchip Technology
DSPIC33FJ128GP306AT-IPT MICROCHIP-DSPIC33FJ128GP306AT-IPT Datasheet
2Mb / 362P
   16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com